Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7710 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7710 Datasheet HTML 6Page - Texas Instruments ISO7710 Datasheet HTML 7Page - Texas Instruments ISO7710 Datasheet HTML 8Page - Texas Instruments ISO7710 Datasheet HTML 9Page - Texas Instruments ISO7710 Datasheet HTML 10Page - Texas Instruments ISO7710 Datasheet HTML 11Page - Texas Instruments ISO7710 Datasheet HTML 12Page - Texas Instruments ISO7710 Datasheet HTML 13Page - Texas Instruments ISO7710 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
ISO7710
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.11 Electrical Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA; see Figure 11
VCC2 – 0.3
3.2
V
VOL
Low-level output voltage
IOL = 2 mA; see Figure 11
0.1
0.3
V
VIT+(IN)
Rising input voltage threshold
0.6 x VCC1
0.7 x VCC1
V
VIT-(IN)
Falling input voltage threshold
0.3 x VCC1
0.4 x VCC1
V
VI(HYS)
Input threshold voltage hysteresis
0.1 × VCC1
0.2 × VCC1
V
IIH
High-level input current
VIH = VCC1 at IN
10
μA
IIL
Low-level input current
VIL = 0 V at IN
–10
μA
CMTI
Common-mode transient immunity
VI = VCC1 or 0 V, VCM = 1200 V; see Figure 13
40
100
kV/μs
6.12 Supply Current Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
Supply current - DC signal
VI = VCC1 (ISO7710), VI = 0 V (ISO7710 with F suffix)
ICC1
0.5
0.8
mA
ICC2
0.6
1
VI = 0 V (ISO7710), VI = VCC1 (ISO7710 with F suffix)
ICC1
1.6
2.5
ICC2
0.6
1
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
1.1
1.5
ICC2
0.6
1
10 Mbps
ICC1
1
1.6
ICC2
1.1
1.4
100 Mbps
ICC1
1.3
1.8
ICC2
4.3
5.3


Similar Part No. - ISO7710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7710 TI1-ISO7710 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710 TI1-ISO7710 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results

Similar Description - ISO7710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7741E-Q1 TI1-ISO7741E-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7741E-Q1 Grade 0, High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolator
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com