Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR16A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR16A
Description  MEDIUM POWER USE A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR16A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR16A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR16A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR16A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR16A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR16A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16A, BCR16B, BCR16C, BCR16E
MEDIUM POWER USE
A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
MAXIMUM RATINGS (continue)
Test conditions
BCR16A
BCR16B
BCR16C
BCR16E
BCR16A only, 10 sec.
BCR16C only (Typical value)
BCR16E only, Ta=25
°C, AC 1 minute, T2 Terminal to base
Symbol
Tstg
Viso
Parameter
Storage temperature
Weight (Typical value)
Soldering temperature
Mounting torque
Isolated voltage
Ratings
–20 ~ +125
3.0
8.5
8.5
9.5
230
30
2.94
1500
Unit
°C
g
°C
kg·cm
N·m
V
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
Rth (j-b)
(dv/dt)c
Test conditions
Tj=125
°C, VDRM applied
Tc=25
°C, Tb=25°C (BCR16E only), ITM=25A , Instantaneous
measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case (BCR16A, BCR16B, BCR16C)
Junction to base (BCR16E)
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
°C/W
V/
µs
Typ.
!
@
#
!
@
#
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage V2
Gate trigger current V2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
V2. Measurement using the gate trigger characteristics measurement circuit.
V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below.
ELECTRICAL CHARACTERISTICS
Test conditions
Voltage
class
8
10
VDRM
(V)
400
500
Min.
10
10
Commutating voltage and current waveforms
(inductive load)
(dv/dt) c
Symbol
R
L
R
L
Unit
V/
µs
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutat-
ing current
(di/dt)c=–8A/ms
3. Peak off-state voltage
VD=400V
Limits
Min.
0.2
V3
Max.
3.0
1.6
1.5
1.5
1.5
30
30
30
1.2
2.5
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR16A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR162 SIEMENS-BCR162 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drivere circuit)
logo
Infineon Technologies A...
BCR162 INFINEON-BCR162 Datasheet
185Kb / 7P
   PNP Silicon Digital Transistor
Aug-29-2003
BCR162 INFINEON-BCR162 Datasheet
155Kb / 8P
   PNP Silicon Digital Transistor
2007-07-23
BCR162 INFINEON-BCR162 Datasheet
816Kb / 6P
   PNP Silicon Digital Transistor
2011-08-29
BCR162F INFINEON-BCR162F Datasheet
185Kb / 7P
   PNP Silicon Digital Transistor
Aug-29-2003
More results

Similar Description - BCR16A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR20A MITSUBISHI-BCR20A Datasheet
91Kb / 5P
   MEDIUM POWER USE A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM_15 Datasheet
128Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR25A MITSUBISHI-BCR25A Datasheet
92Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR20F MITSUBISHI-CR20F Datasheet
64Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR12AM MITSUBISHI-CR12AM Datasheet
68Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR6CM MITSUBISHI-CR6CM Datasheet
68Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR12BM MITSUBISHI-CR12BM Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com