Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCA9501 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. PCA9501
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 2Page - NXP Semiconductors PCA9501 Datasheet HTML 3Page - NXP Semiconductors PCA9501 Datasheet HTML 4Page - NXP Semiconductors PCA9501 Datasheet HTML 5Page - NXP Semiconductors PCA9501 Datasheet HTML 6Page - NXP Semiconductors PCA9501 Datasheet HTML 7Page - NXP Semiconductors PCA9501 Datasheet HTML 8Page - NXP Semiconductors PCA9501 Datasheet HTML 9Page - NXP Semiconductors PCA9501 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2003 Sep 12
6
I/O OPERATIONS (see also Figure 4)
Each of the PCA9501’s eight I/Os can be independently used as an input or output. Output data is transmitted to the port by the I/O WRITE
mode (see Figure 6). Input I/O data is transferred from the port to the microcontroller by the READ mode (See Figure 7).
S
0
A5
A4
A3
A2
A1
A0
0
A
DATA 1
A
DATA 2
A
SDA
SCL
t pv
12
34
5
6
7
8
t pv
DATA 2 VALID
DATA 1 VALID
SW00649
ACKNOWLEDGE
FROM SLAVE
R/W
START CONDITION
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
SLAVE ADDRESS (I/O EXPANDER)
DATA TO PORT
DATA TO PORT
WRITE TO
PORT
DATA OUT
FROM PORT
Figure 6. I/O WRITE mode (output)
S
0
A5
A4
A3
A2
A1
A0
1
A
DATA 1
A
DATA 4
1
SDA
t ph
t ps
DATA 4
P
DATA 2
DATA 3
SW00650
SLAVE ADDRESS (I/O EXPANDER)
DATA FROM PORT
DATA FROM PORT
READ FROM
PORT
DATA INTO
PORT
START CONDITION
ACKNOWLEDGE
FROM SLAVE
R/W
ACKNOWLEDGE
FROM MASTER
STOP
CONDITION
DATA 1
INT
t iv
t ir
Figure 7. I/O READ mode (input)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn