Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ350C Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # SMAJ350C
Description  Excellent clamping capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMAJ350C Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  SMAJ350C Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMAJ350C Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMAJ350C Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMAJ350C Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SMAJ350C Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAJ5.0 --- SMAJ440CA
Type Number
Marking
Reverse
Stand-O
ff
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ22
SMAJ22A
SMAJ24
SMAJ24A
SMAJ22C
SMAJ22CA
SMAJ24C
SMAJ24CA
IW
IX
IY
IZ
UW
UX
UY
UZ
22
22
24
24
24.4
24.4
26.7
26.7
30.9
28.0
33.8
30.7
1.0
1.0
1.0
1.0
39.4
35.5
43.0
38.9
10.2
11.3
9.3
10.3
5.0
5.0
5.0
5.0
SMAJ26
SMAJ26A
SMAJ28
SMAJ28A
SMAJ26C
SMAJ26CA
SMAJ28C
SMAJ28CA
JD
JE
JF
JG
VD
VE
VF
VG
26
26
28
28
28.9
28.9
31.1
31.1
36.6
33.2
39.4
35.8
1.0
1.0
1.0
1.0
46.6
42.1
50.0
45.4
8.6
9.5
8.0
8.8
5.0
5.0
5.0
5.0
SMAJ30
SMAJ30A
SMAJ33
SMAJ33A
SMAJ30C
SMAJ30CA
SMAJ33C
SMAJ33CA
JH
JK
JL
JM
VH
VK
VL
VM
30
30
33
33
33.3
33.3
36.7
36.7
42.2
38.3
46.5
42.2
1.0
1.0
1.0
1.0
53.5
48.4
59.0
53.3
7.5
8.3
6.8
7.5
5.0
5.0
5.0
5.0
SMAJ36
SMAJ36A
SMAJ40
SMAJ40A
SMAJ36C
SMAJ36CA
SMAJ40C
SMAJ40CA
JN
JP
JQ
JR
VN
VP
VQ
VR
36
36
40
40
40.0
40.0
44.4
44.4
50.7
46.0
56.3
51.1
1.0
1.0
1.0
1.0
64.3
58.1
71.4
64.5
6.2
6.9
5.6
6.2
5.0
5.0
5.0
5.0
SMAJ43
SMAJ43A
SMAJ45
SMAJ45A
SMAJ43C
SMAJ43CA
SMAJ45C
SMAJ45CA
JS
JT
JU
JV
VS
VT
VU
VV
43
43
45
45
47.8
47.8
50.0
50.0
60.5
54.9
63.3
57.5
1.0
1.0
1.0
1.0
76.7
69.4
80.3
72.7
5.2
5.8
5.0
5.5
5.0
5.0
5.0
5.0
SMAJ48
SMAJ48A
SMAJ51
SMAJ51A
SMAJ48C
SMAJ48CA
SMAJ51C
SMAJ51CA
JW
JX
JY
JZ
VW
VX
VY
VZ
48
48
51
51
53.3
53.3
56.7
56.7
67.5
61.3
71.8
65.2
1.0
1.0
1.0
1.0
85.5
77.4
91.1
82.4
4.7
5.2
4.4
4.9
5.0
5.0
5.0
5.0
SMAJ54
SMAJ54A
SMAJ58
SMAJ58A
SMAJ54C
SMAJ54CA
SMAJ58C
SMAJ58CA
RD
RE
RF
RG
WD
WE
WF
WG
54
54
58
58
60.0
60.0
64.4
64.4
76.0
69.0
81.6
74.1
1.0
1.0
1.0
1.0
96.3
87.1
103
93.6
4.2
4.6
3.9
4.3
5.0
5.0
5.0
5.0
SMAJ60
SMAJ60A
SMAJ64
SMAJ64A
SMAJ60C
SMAJ60CA
SMAJ64C
SMAJ64CA
RH
RK
RL
RM
WH
WK
WL
WM
60
60
64
64
66.7
66.7
71.1
71.1
84.5
76.7
90.1
81.8
1.0
1.0
1.0
1.0
107
96.8
114
103
3.7
4.1
3.5
3.9
5.0
5.0
5.0
5.0
SMAJ70
SMAJ70A
SMAJ75
SMAJ75A
SMAJ70C
SMAJ70CA
SMAJ75C
SMAJ75CA
RN
RP
RQ
RR
WN
WP
WQ
WR
70
70
75
75
77.8
77.8
83.0
83.0
98.6
89.5
105.7
95.8
1.0
1.0
1.0
1.0
125
113
134
121
3.2
3.5
3.0
3.3
5.0
5.0
5.0
5.0
SMAJ78
SMAJ78A
SMAJ78C
SMAJ78CA
RS
RT
WS
WT
78
78
86.0
86.0
109.8
99.7
1.0
1.0
139
126
2.9
3.2
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double


Similar Part No. - SMAJ350C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMAJ350C FORMOSA-SMAJ350C Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMAJ350C SEMITECH-SMAJ350C Datasheet
234Kb / 6P
   Excellent clamping capability
logo
Zibo Seno Electronic En...
SMAJ350C ZSELEC-SMAJ350C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
AiT Semiconductor Inc.
SMAJ350C AITSEMI-SMAJ350C Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
HuaXinAn Electronics CO...
SMAJ350CA HUAXINAN-SMAJ350CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
More results

Similar Description - SMAJ350C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com