Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2336 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2336 Datasheet HTML 3Page - Burr-Brown (TI) OPA2336 Datasheet HTML 4Page - Burr-Brown (TI) OPA2336 Datasheet HTML 5Page - Burr-Brown (TI) OPA2336 Datasheet HTML 6Page - Burr-Brown (TI) OPA2336 Datasheet HTML 7Page - Burr-Brown (TI) OPA2336 Datasheet HTML 8Page - Burr-Brown (TI) OPA2336 Datasheet HTML 9Page - Burr-Brown (TI) OPA2336 Datasheet HTML 10Page - Burr-Brown (TI) OPA2336 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
OPA336, 2336, 4336
7
SBOS068B
www.ti.com
CAPACITIVE LOAD AND STABILITY
OPA336 series op amps can drive a wide range of capaci-
tive loads. However, all op amps under certain conditions
may become unstable. Op-amp configuration, gain, and
load value are just a few of the factors to consider when
determining stability.
When properly configured, OPA336 series op amps can
drive approximately 10,000pF. An op amp in unity-gain
configuration is the most vulnerable to capacitive load. The
capacitive load reacts with the op amp’s output resistance,
along with any additional load resistance, to create a pole in
the response which degrades the phase margin. In unity gain,
OPA336 series op amps perform well with a pure capacitive
load up to about 300pF. Increasing gain enhances the
amplifier’s ability to drive loads beyond this level.
One method of improving capacitive load drive in the
unity-gain configuration is to insert a 50
Ω to 100Ω resistor
inside the feedback loop, as shown in Figure 3. This reduces
ringing with large capacitive loads while maintaining DC
R
S
100
OPAx336
C
L
R
L
V
IN
V
OUT
APPLICATIONS INFORMATION
OPA336 series op amps are fabricated on a state-of-the-art
0.6 micron CMOS process. They are unity-gain stable and
suitable for a wide range of general-purpose applications.
Power-supply pins should be bypassed with 0.01
µF ceramic
capacitors. OPA336 series op amps are protected against
reverse battery voltages.
OPERATING VOLTAGE
OPA336 series op amps can operate from a +2.1V to +5.5V
single supply with excellent performance. Most behavior
remains unchanged throughout the full operating voltage
range. Parameters which vary significantly with operating
voltage are shown in the typical characteristics. OPA336
series op amps are fully specified for operation from +2.3V
to +5.5V; a single limit applies over the supply range. In
addition, many parameters are guaranteed over the specified
temperature range, –40
°C to +85°C.
INPUT VOLTAGE
The input common-mode range of OPA336 series op amps
extends from (V–) – 0.2V to (V+) – 1V. For normal
operation, inputs should be limited to this range. The
absolute maximum input voltage is 300mV beyond the
supplies.
Thus,
inputs
greater
than
the
input
common-mode range but less than maximum input volt-
age, while not valid, will not cause any damage to the op
amp. Furthermore, the inputs may go beyond the power
supplies without phase inversion, as shown in Figure 1,
unlike some other op amps.
Normally, input bias current is approximately 1pA. How-
ever, input voltages exceeding the power supplies can
cause excessive current to flow in or out of the input pins.
Momentary voltages greater than the power supply can be
tolerated as long as the current on the input pins is limited
to 10mA. This is easily accomplished with an input resis-
tor, as shown in Figure 2.
5k
OPAx336
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
FIGURE 1. No Phase Inversion with Inputs Greater than the
Power-Supply Voltage.
FIGURE 2. Input Current Protection for Voltages Exceeding
the Supply Voltage.
FIGURE 3. Series Resistor in Unity-Gain Configuration
Improves Capacitive Load Drive.
6V
0V
V
OUT


Similar Part No. - OPA2336

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336 BURR-BROWN-OPA2336 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2336 TI1-OPA2336 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2336 TI1-OPA2336 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA2336

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com