Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE25118-T1 Datasheet(PDF) 2 Page - NEC

Part # NE25118-T1
Description  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE25118-T1 Datasheet(HTML) 2 Page - NEC

  NE25118-T1 Datasheet HTML 1Page - NEC NE25118-T1 Datasheet HTML 2Page - NEC NE25118-T1 Datasheet HTML 3Page - NEC NE25118-T1 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25
20
15
10
5
0
0
5
10
0
5
VDS = 5 V
VG2S = 1 V
f = 900 MHz
GPS
NF
10
Ambient Temperature, TA (
°C)
TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
GATE 1 TO SOURCE VOLTAGE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Drain Current, ID (mA)
NE25118
250
200
150
100
50
0
0
25
50
75
100
125
FREE AIR
120
Gate 1 to Source Voltage, VG1S (V)
FORWARD TRANSFER ADMITTANCE vs.
GATE 1 TO SOURCE VOLTAGE
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
13
VG1S
Gate 1 to Source Voltage
V
-4.5
VG2S
Gate 2 to Source Voltage
V
-4.5
ID
Drain Current
mA
IDSS
PT
Total Power Dissipation
mW
120
TCH
Channel Temperature
°C
125
TSTG
Storage Temperature
°C
-55 to +125
Note:
1. Operation in excess of anyone of these parameters may result
in
permanent damage.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
30
20
10
0
0
10
20
30
VG2S = 1.0 V
VG2S = 0.5 V
VDS = 5 V
f = 1 kHz
Gate 1 to Source Voltage, VG1S (V)
Drain Current, ID (mA)
POWER GAIN AND NOISE FIGURE vs.
DRAIN CURRENT
30
20
10
0
-2.0
-1.0
0
+1.0
0.5 V
0 V
-0.5 V
VG2S = 1.0V
VDS = 5V
30
20
10
0
-1.0
0
+1.0
0 V
VG2S = 1.0
0.5 V
-0.5 V
VDS = 5V
f = 1kHz
-2.0


Similar Part No. - NE25118-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE25118-T1 CEL-NE25118-T1 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Similar Description - NE25118-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com