Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4052EEN-T1-GE4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG4052EEN-T1-GE4
Description  Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4052EEN-T1-GE4 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG4052EEN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DG4051E, DG4052E, DG4053E
www.vishay.com
Vishay Siliconix
S16-0623-Rev. A, 11-Apr-16
7
Document Number: 69685
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. VIN = input voltage to perform proper function.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 3 V, V- = 0 V
VIN(A, B, C, and enable) = 1.4 V, 0.6 V a
TEMP. b
TYP. c
-40 °C to +125 °C -40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
3
0
3
V
On-Resistance
RON
IS = 1 mA, VD = 1.5 V
Room
221
-
-
-
-
Full
-
-
-
-
-
Switch Off
Leakage Current
IS(off)
V+ = 3.3 V, V- = 0 V
VD = 0.3 V / 3 V, VS = 3 V / 0.3 V
Room
± 0.02
-1
1
-1
1
nA
Full
-
-50
50
-5
5
ID(off)
Room
± 0.02
-1
1
-1
1
Full
-
-50
50
-5
5
Channel On
Leakage Current
ID(on)
V+ = 3.3 V, V- = 0 V
VD = VS = 0.3 V / 3 V
Room
± 0.02
-1
1
-1
1
Full
-
-50
50
-5
5
Digital Control
Input Current, VIN Low
IL
VIN(A, B, C, and enable)
under test = 0.6 V
Full
0.02
-1
1
-1
1
μA
Input Current, VIN High
IH
VIN(A, B, C, and enable)
under test = 1.4 V
Full
0.02
-1
1
-1
1
Dynamic Characteristics
Transition Time
tTRANS
RL = 300 , CL = 35 pF
see Fig. 1, 2, 3
Room
200
-
-
-
-
ns
Full
-
-
-
-
-
Enable Turn-On Time
tON
Room
130
-
-
-
-
Full
-
-
-
-
-
Enable Turn-Off Time
tOFF
Room
78
-
-
-
-
Full
-
-
-
-
-
Break-Before-Make
Time Delay
tD
Room
130
-
-
-
-
Full
-
-
-
-
-
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 1 nF
Room
0.34
-
-
-
-
pC
Off Isolation e
OIRR
RL = 50 , CL = 1 pF
f = 100 kHz
Room
-88
-
-
-
-
dB
Channel-to-Channel
Crosstalk e
XTALK
Room
-105
-
-
-
-
Source Off
Capacitance e
CS(off)
f = 1 MHz
DG4051E
Room
2.6
-
-
-
-
pF
DG4052E
Room
2.6
-
-
-
-
DG4053E
Room
2.5
-
-
-
-
Drain Off Capacitance e
CD(off)
f = 1 MHz
DG4051E
Room
10.7
-
-
-
-
DG4052E
Room
5.7
-
-
-
-
DG4053E
Room
3.6
-
-
-
-
Channel On
Capacitance e
CD(on)
f = 1 MHz
DG4051E
Room
16.4
-
-
-
-
DG4052E
Room
10.9
-
-
-
-
DG4053E
Room
9.1
-
-
-
-
Power Supplies
Power Supply Current
I+
VIN(A, B, C, and enable) = 0 V or 3 V
Room
0.05
-
1
-
1
μA
Full
-
-
10
-
10
Negative Supply
Current
I-
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-
Ground Current
IGND
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-


Similar Part No. - DG4052EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4052E VISHAY-DG4052E Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
More results

Similar Description - DG4052EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com