Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9425E Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG9425E
Description  On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9425E Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG9425E Datasheet HTML 4Page - Vishay Siliconix DG9425E Datasheet HTML 5Page - Vishay Siliconix DG9425E Datasheet HTML 6Page - Vishay Siliconix DG9425E Datasheet HTML 7Page - Vishay Siliconix DG9425E Datasheet HTML 8Page - Vishay Siliconix DG9425E Datasheet HTML 9Page - Vishay Siliconix DG9425E Datasheet HTML 10Page - Vishay Siliconix DG9425E Datasheet HTML 11Page - Vishay Siliconix DG9425E Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DG9424E, DG9425E, DG9426E
www.vishay.com
Vishay Siliconix
S16-0320-Rev. A, 29-Feb-16
8
Document Number: 75770
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Switching Current vs. Input Switching Frequency
Switching Threshold vs. Supply Voltage
Insertion Loss, Off Isolation and Crosstalk vs. Frequency
1
10
100
1,000
10,000
100,000
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V+ = +5.5 V
V- = -5.5 V
I
D(OFF)
I
D(ON)
I
S(OFF)
0.001
0.01
0.1
1
10
100
1000
10000
100000
10
100
1000
10K
100K
1M
10M
Input Switching Frequency (Hz)
V+ = +5 V
V- = -5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2468
10
12
14
V+ - Supply Voltage (V)
-40 °
C to +85 °C
V
L = V+
V
INH
V
INL
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100K
1M
10M
100M
1G
Frequency (Hz)
Insertion Loss
V+ = 3 V
V- = 0 V
R
L = 50
Off Isolation
Crosstalk


Similar Part No. - DG9425E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9425E VISHAY-DG9425E Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG9425EDN-T1-GE4 VISHAY-DG9425EDN-T1-GE4 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG9425EDQ-T1-GE3 VISHAY-DG9425EDQ-T1-GE3 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG9425E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
   1.7 ?? Low On Resistance, 12 V, 5 V, 3 V, 짹 5 V, SPST Switches
01-Jan-2022
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com