Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4051EEQ-T1-GE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG4051EEQ-T1-GE3
Description  Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4051EEQ-T1-GE3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG4051EEQ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DG4051E, DG4052E, DG4053E
www.vishay.com
Vishay Siliconix
S16-0623-Rev. A, 11-Apr-16
6
Document Number: 69685
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, V- = 0 V
VIN(A, B, C, and enable) = 2 V, 0.8 V a
TEMP. b
TYP. c
-40 °C to +125 °C -40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
5
0
5
V
On-Resistance
RON
IS = 1 mA, VD = 0 V, 3.5 V
Room
125
-
147
-
147
Full
-
-
176
-
168
On-Resistance Match
R
ON
IS = 1 mA, VD = 3.5 V
Room
1.3
-
8
-
8
Full
-
-
8
-
8
On-Resistance
Flatness
RFLATNESS
IS = 1 mA, VD = 0 V, 3 V
Room
21
-
31
-
31
Full
-
-
25
-
29
Switch Off
Leakage Current
IS(off)
V+ = 5.5 V, V- = 0 V
VD = 1 V / 4.5 V, VS = 4.5 V / 1 V
Room
± 0.03
-1
1
-1
1
nA
Full
-
-50
50
-5
5
ID(off)
Room
± 0.03
-1
1
-1
1
Full
-
-50
50
-5
5
Channel On
Leakage Current
ID(on)
V+ = 5.5 V, V- = 0 V
VD = VS = 1 V / 4.5 V
Room
± 0.03
-1
1
-1
1
Full
-
-50
50
-5
5
Digital Control
Input Current,
VIN Low
IL
VIN(A, B, C, and enable)
under test = 0.6 V
Full
0.02
-1
1
-1
1
μA
Input Current,
VIN High
IH
VIN(A, B, C, and enable)
under test = 2 V
Full
0.02
-1
1
-1
1
Dynamic Characteristics
Transition Time
tTRANS
RL = 300 , CL = 35 pF
see Fig. 1, 2, 3
Room
95
-
135
-
135
ns
Full
-
-
169
-
148
Enable Turn-On Time
tON
Room
56
-
96
-
96
Full
-
-
117
-
107
Enable Turn-Off Time
tOFF
Room
55
-
95
-
95
Full
-
-
110
-
103
Break-Before-Make
Time Delay
tD
Room
-
12
-
12
-
Full
-
-
-
-
-
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 1 nF
Full
0.32
-
-
-
-
pC
Off Isolation e
OIRR
RL = 50 , CL = 1 pF
f = 100 kHz
Room
-86
-
-
-
-
dB
Channel-to-Channel
Crosstalk e
XTALK
Room
-105
-
-
-
-
Source Off
Capacitance e
CS(off)
f = 1 MHz
DG4051E
Room
2.4
-
-
-
-
pF
DG4052E
Room
2.4
-
-
-
-
DG4053E
Room
2.3
-
-
-
-
Drain Off
Capacitance e
CD(off)
f = 1 MHz
DG4051E
Room
10.1
-
-
-
-
DG4052E
Room
5.3
-
-
-
-
DG4053E
Room
3.4
-
-
-
-
Channel On
Capacitance e
CD(on)
f = 1 MHz
DG4051E
Room
15.9
-
-
-
-
DG4052E
Room
10.6
-
-
-
-
DG4053E
Room
8.9
-
-
-
-
Power Supplies
Power Supply Current
I+
VIN(A, B, C, and enable) = 0 V or 5 V
Room
0.05
-
1
-
1
μA
Full
-
-
10
-
10
Negative Supply
Current
I-
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-
Ground Current
IGND
Room
-0.05
-1
-
-1
-
Full
-
-10
-
-10
-


Similar Part No. - DG4051EEQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4051EEN-T1-GE4 VISHAY-DG4051EEN-T1-GE4 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
More results

Similar Description - DG4051EEQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com