Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1413EQ-T1-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG1413EQ-T1-GE3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1413EQ-T1-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG1413EQ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix DG1413EQ-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DG1411, DG1412, DG1413
www.vishay.com
Vishay Siliconix
S13-2467-Rev. B, 02-Dec-13
9
Document Number: 62749
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
BW, OIRR, XTALK vs. Frequency
Supply Current vs. Switching Frequency (± 5.5 V)
THD vs. Frequency (± 15 V)
Logic Threshold vs. Supply Voltage
Supply Current vs. Switching Frequency (± 16.5 V)
THD vs. Frequency (± 5 V)
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100K
1M
10M
100M
1G
Frequency (Hz)
Loss
X
TALK
OIRR
V+ = +15V
V- = -15V
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10
1000
100 000
10 000 000
Input Switching Frequency (Hz)
I -
I +
I
GND
V+ = +5.5V
V- = -5.5V
T
A = + 25 °C
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0.022
0.024
0.026
0.028
0.03
10
100
1000
10 000
100 000
Frequency (Hz)
Vs=15V P-P
Vs=20V P-P
Vs=10V P-P
V+ = + 15 V
V- = - 15 V
1.0
1.2
1.4
1.6
4
5
6
7
8
9
10 11 12 13 14 15 16 17
V+ - Supply Voltage (V)
T
A = +25 °C
V
IH
V
IL
0.0001
0.001
0.01
0.1
1
10
100
1000
10 000
10
1000
100 000
10 000 000
Input Switching Frequency (Hz)
I -
I +
I
GND
V+ = +16.5 V
V- = -16.5 V
T
A = + 25 °C
0.001
0.01
0.1
10
100
1000
10 000
100 000
Frequency (Hz)
Vs=5V P-P
Vs=2.5V P-P
Vs=10V P-P
V+ = + 5 V
V- = - 5 V


Similar Part No. - DG1413EQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1413EQ-T1-GE3 VISHAY-DG1413EQ-T1-GE3 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG1413EQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com