Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411LE Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG411LE
Description  Low Parasitic Capacitance and Leakage, Quad SPST Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411LE Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG411LE Datasheet HTML 3Page - Vishay Siliconix DG411LE Datasheet HTML 4Page - Vishay Siliconix DG411LE Datasheet HTML 5Page - Vishay Siliconix DG411LE Datasheet HTML 6Page - Vishay Siliconix DG411LE Datasheet HTML 7Page - Vishay Siliconix DG411LE Datasheet HTML 8Page - Vishay Siliconix DG411LE Datasheet HTML 9Page - Vishay Siliconix DG411LE Datasheet HTML 10Page - Vishay Siliconix DG411LE Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S16-0391-Rev. A, 07-Mar-16
7
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. Drain Voltage (Single Supply)
RDS(on) vs. Drain Voltage and Temperature
RDS(on) vs. Drain Voltage and Temperature
RDS(on) vs. Drain Voltage and Temperature (Single Supply)
Supply Current vs. Temperature
Switching Time vs. Single Supply
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
16
V
D - Analog Voltage (V)
V+ = +3.0 V
V+ = +12.0 V
V+ = +5.0 V
V+ = +16.0 V
T
A = 25 °C
I
S = 10 mA
0
5
10
15
20
25
30
0123456789
10
11
12
V
D - Analog Voltage (V)
+125
°C
+85
°C
+25
°C
-40
°C
V+ = +12 V
I
S = 10 mA
-55
°C
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
D - Analog Voltage (V)
+125
°C
+85
°C
+25
°C
-40
°C
V+ = +5 V
I
S = 10 mA
-55
°C
6
8
10
12
14
16
18
20
22
24
-8
-6
-4
-2
02468
V
D - Analog Voltage (V)
V± = ± 8.0 V
T
A = 25 °C
I
S = 10 mA
V± = ± 5.0 V
0
5
10
15
20
25
30
35
-5
-4
-3
-2
-1
0
1
2
3
4
5
V
D -Analog Voltage (V)
+125
°C
+85
°C
+25
°C
-40
°C
V± = ± 5.0 V
I
S = 10 mA
-55
°C
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20406080
100
120
Temperature (
°C)
V+ = +5.5 V
V- = 0 V
IN = 0 V


Similar Part No. - DG411LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG411LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
   200 ?? Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
08-Feb-17
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
logo
Maxim Integrated Produc...
MAX326 MAXIM-MAX326 Datasheet
309Kb / 8P
   Quad, SPST, Ultra-Low Leakage, CMOS Analog Switches
19-3985; Rev 2; 7/96
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
logo
Texas Instruments
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
[Old version datasheet]   (-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com