Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT1822 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKT1822
Description  Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1822 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT1822 Datasheet HTML 1Page - Vishay Siliconix MKT1822 Datasheet HTML 2Page - Vishay Siliconix MKT1822 Datasheet HTML 3Page - Vishay Siliconix MKT1822 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
50
MKT 1822
Vishay Roederstein
Document Number 26012
Revision 02-Dec-03
For technical questions, contact dc-film@vishay.com
Permissible AC Voltage versus Frequency
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
f [Hz]
102
2
3
5 7 103
23
5 7
104
2
3
5 7 105
Permissible AC Voltage versus Frequency
0.33
0.68
15
1.5
3.3
6.8
10
63 VDC
102
2
3
5 7 103
23
5 7
104
2
3
5 7 105
0.33
4.7
10
1.5
15
0.68
0.1
3.3
100 VDC
100
7
5
3
2
10
7
5
3
2
1
Capacitance in
µF
Capacitance in
µF
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
f [Hz]
102
2
3
5 7 103
23
5 7
104
2
3
5 7 105
1000
0.1
4700
2200
0.01
0.022
0.047
0.22
0.47
1
1.5
1000
7
5
3
2
100
7
5
3
2
10
f [Hz]
0.033
2.2
0.1
0.22
0.47
1
0.047
3.3
250 VDC
1000
7
5
3
2
100
7
5
3
2
10
102
2
3
5 7 103
23
5 7
104
2
3
5 7 105
400 VDC
Capacitance in
µF
Capacitance in pF and
µF
1000
4700 2200
0.047
0.22
0.47
1.0
0.01
0.022
0.1
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
f [Hz]
102
2
3
5 7 103
23
5 7
104
2
3
5 7 105
2200
0.22
0.47
0.01
0.022
0.1
1000
4700
0.047
1000
7
5
3
2
100
7
5
3
2
10
1000 VDC
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
102
2
3
5 7 103
23
5 7
104
2
3
5 7 105
630 VDC
Capacitance in pF and
µF
Capacitance in pF and
µF
Metallized Polyester, Related Document.: IEC 60384-2


Similar Part No. - MKT1822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820 VISHAY-MKT1820 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410 VISHAY-MKT1820-410 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Similar Description - MKT1822

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1817 VISHAY-MKT1817_05 Datasheet
171Kb / 4P
   Metallized Polyester Film Capacitors Related Document: IEC 60384-2
Revision: 05-Jul-05
MKT1817 VISHAY-MKT1817 Datasheet
46Kb / 3P
   Metallized Polyester Film Capacitors Related Document : IEC 60384-2
Revision 01-Dec-03
MKT1817 VISHAY-MKT1817_08 Datasheet
171Kb / 4P
   Metallized Polyester Film Capacitors Related Document: IEC 60384-2
Revision: 05-Jul-05
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com