Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP030N10N5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP030N10N5
Description  OptiMOS짧5 Power-Transistor, 100 V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP030N10N5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP030N10N5 Datasheet HTML 2Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 3Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 4Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 5Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 6Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 7Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 8Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 9Page - Infineon Technologies AG IPP030N10N5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
OptiMOSª5Power-Transistor,100V
IPP030N10N5
Rev.2.2,2016-07-22
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
50
100
150
200
0
50
100
150
200
250
300
Ptot=f(TC)
Diagram2:Draincurrent
TC[°C]
0
50
100
150
200
0
20
40
60
80
100
120
140
ID=f(TC);VGS
≥10V
Diagram3:Safeoperatingarea
VDS[V]
10-1
100
101
102
103
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tp);parameter:D=tp/T


Similar Part No. - IPP030N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
logo
Inchange Semiconductor ...
IPP030N10N5 ISC-IPP030N10N5 Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPP030N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP039N10N5 INFINEON-IPP039N10N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 100 V
Rev.2.0,2016-11-22
IPB073N15N5 INFINEON-IPB073N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-17
IPB060N15N5 INFINEON-IPB060N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-12-13
IPB044N15N5 INFINEON-IPB044N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
2016-04-06
IPP076N15N5 INFINEON-IPP076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
BSZ070N08LS5 INFINEON-BSZ070N08LS5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 80 V
Rev.2.2,2016-08-18
IPI051N15N5 INFINEON-IPI051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPB048N15N5 INFINEON-IPB048N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-05
IPP051N15N5 INFINEON-IPP051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPI076N15N5 INFINEON-IPI076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com