Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21170MUV Datasheet(PDF) 4 Page - Rohm

Part # BU21170MUV
Description  Capacitive Switch Controller IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21170MUV Datasheet(HTML) 4 Page - Rohm

  BU21170MUV Datasheet HTML 1Page - Rohm BU21170MUV Datasheet HTML 2Page - Rohm BU21170MUV Datasheet HTML 3Page - Rohm BU21170MUV Datasheet HTML 4Page - Rohm BU21170MUV Datasheet HTML 5Page - Rohm BU21170MUV Datasheet HTML 6Page - Rohm BU21170MUV Datasheet HTML 7Page - Rohm BU21170MUV Datasheet HTML 8Page - Rohm BU21170MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
BU21170MUV
4/29
TSZ02201-0L5L0F300830-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
14.Jul.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VDD
-0.5 to 7.0
V
Input Voltage
VIN
-0.3 to VDD +0.7
V
Power Dissipation
(Note 1)
Pd
0.55
W
Operating Temperature Range
Topr
-25 to +85
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Maximum Junction Temperature
Tjmax
125
°C
(Note 1) Mounted on 74.2mm x 74.2mm x 1.6mm glass epoxy 1layer board (Copper foil area : 10.29mm
2). Reduce 5.5mW per 1°C above 25°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VDD
3.0
3.3
5.5
V
Electrical Characteristics
(VDD=3.3V , VSS=0V , Ta=25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Input High voltage
VIH
VDD x 0.7
-
VDD + 0.3
V
Input Low voltage
VIL
VSS - 0.3
-
VDD x 0.3
V
Output High voltage
VOH
VDD - 0.5
-
VDD
V
IOH = -4mA
Output Low voltage
VOL
VSS
-
VSS + 0.5
V
IOL = 4mA
Oscillator clock frequency
fOSC
45
50
55
MHz
DVDD LDO output voltage
VDVDD
1.35
1.50
1.65
V
AVDD LDO output voltage
VAVDD
2.63
2.73
2.83
V
Power-on-reset release voltage
2.25
-
2.55
V
Power-on-reset detect voltage
2.10
-
2.40
V
Operating Current
IDD
-
3.5
-
mA
Without load of sensors.


Similar Part No. - BU21170MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2112F ROHM-BU2112F Datasheet
242Kb / 3P
   MonolithicICs
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
BU2114F ROHM-BU2114F Datasheet
115Kb / 8P
   8-bit shift register and latch driver
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results

Similar Description - BU21170MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com