Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP11J81CPE12 Datasheet(PDF) 1 Page - C&K Components

Part # TP11J81CPE12
Description  Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TP11J81CPE12 Datasheet(HTML) 1 Page - C&K Components

  TP11J81CPE12 Datasheet HTML 1Page - C&K Components TP11J81CPE12 Datasheet HTML 2Page - C&K Components TP11J81CPE12 Datasheet HTML 3Page - C&K Components TP11J81CPE12 Datasheet HTML 4Page - C&K Components TP11J81CPE12 Datasheet HTML 5Page - C&K Components TP11J81CPE12 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A-15
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
TP Series
Tiny Pushbutton Switches
Features/Benefits
Subminiature size—capable of
switching 1 AMP
Vertical & right angle terminations
PC & panel mount models
Snap-in front panel mounting available
Epoxy terminal seal-compatible with
bottom wash cleaning
RoHS compliant models available
Typical Applications
Telecommunications and
networking equipment
Computers and peripherals
Instrumentation and controls
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. Q contact material: 1 AMP @
120 V AC or 28 V DC. See page A-19 for additional ratings.
ELECTRICAL LIFE: TP11, TP21 MODELS: 60,000 make-and-break
cycles at full load. TP12 MODELS: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with Q, B, P, R or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 4/6 or 6/6, flame retardant, heat stabilized
or diallyl phthalate (DAP), (UL 94V-0).
PLUNGER: Thermoplastic polyester (UL 94V-0).
CAP & FRAME: Nylon, black standard.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass, matte-tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate
over nickel plate. Q contact material: Coin silver, silver plated.
See page A-19 for additional contact materials.
CENTER CONTACT & ALL TERMINALS: B contact material: Copper
alloy, with gold plate over nickel plate. Q contact material:
Copper alloy, silver plated. See page A-19 for additional
contact materials.
TERMINAL SEAL: Epoxy. Refer to soldering and cleaning in
Technical Data Chapter
HARDWARE: Nut & Locking Ring: Brass nickel plated.
Lockwasher: Steel, nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-16 thru A-20. For additional options not shown in catalog, consult Customer Service Center. All
models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
TP11 SPST Off-Mom.
TP12 SPDT On-Mom.
TP21 DPST Off-Mom.
Actuator or Bushing
SH
.155" high plunger, threaded,
.220" high bushing, flat
SH8 .155" high plunger, unthreaded,
.220" high bushing, round
SH9 .155" high plunger, unthreaded,
.220" high bushing, flat
J81
Snap-in with frame
LT
.215" high plunger, threaded,
.310" high bushing, flat
LT9
.215" high plunger, unthreaded,
.310" high bushing, flat
MS9 .130" high plunger,
.020" high bushing, round
Terminations
A
Right angle, PC thru-hole
C
PC Thru-hole
Z
Solder lug
AV
Vertical right angle, PC thru-hole
V3
Vertical mount, v-bracket
W
Wire wrap
Cap Color
2
Black
NONE Models with no cap
1
White
Frame Color
2
Black
NONE Models with no frame
Contact Material
B
Gold
P
Gold, matte-tin
Q
Silver
G
Gold over silver
R
Gold over silver, matte-tin
Seal
E Epoxy
Models Available


Similar Part No. - TP11J81CPE12

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11J81CP-E-1 CK-COMPONENTS-TP11J81CP-E-1 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11J81CP-E-1-2 CK-COMPONENTS-TP11J81CP-E-1-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11J81CP-E-2 CK-COMPONENTS-TP11J81CP-E-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11J81CP-E-2-2 CK-COMPONENTS-TP11J81CP-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
More results

Similar Description - TP11J81CPE12

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
C&K Components
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
TP21SHZQE CK-COMPONENTS-TP21SHZQE Datasheet
518Kb / 6P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com