Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1100-8TO Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part No. AD1100-8TO
Description  APD with 1.0 mm² active area
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD1100-8TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD1100-8 TO
Part Description AD1100-8 TO
Order # 501117
Order # 501117
Version 20-06-11
Version 20-06-11
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
F +1 818 889 7053
T +1 818 706 3400
Westlake Village
5700 Corsa Avenue #105
USA:
CA 91362 USA
First Sensor Inc.
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
0,0
20,0
40,0
60,0
80,0
100,0
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
50
60
Reverse bias (V)
1
10
100
1.000
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Reverse bias [V]
1,0E-11
1,0E-10
1,0E-09
1,0E-08
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Reverse bias [V]
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn