Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD500-8 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # AD500-8
Description  APD with 0.2 mm짼 active area
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-8 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD500-8 Datasheet HTML 1Page - Sensortechnics GmbH AD500-8 Datasheet HTML 2Page - Sensortechnics GmbH AD500-8 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD500-8 TO
Part Description AD500-8 TO
Order # 500030; 500305; 500155
Order # 500030; 500305; 500155
Version 14-08-14
Version 14-08-14
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
F +49 30 639923-752
F +1 818 889 7053
T +1 818 706 3400
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
USA:
CA 91362 USA
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
First Sensor AG
00
20
40
60
80
100
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
0
10
20
30
40
50
60
Reverse bias (V)
1
10
100
1,000
20
30
40
50
60
70
80
90
100
Reverse bias (V)
1.0E-11
1.0E-10
1.0E-09
1.0E-08
20
30
40
50
60
70
80
90
100
Reverse bias (V)
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD


Similar Part No. - AD500-8

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
More results

Similar Description - AD500-8

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com