Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68DIL12 Datasheet(PDF) 90 Page - Motorola, Inc

Part # M68DIL12
Description  Microcontrollers
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68DIL12 Datasheet(HTML) 90 Page - Motorola, Inc

Back Button M68DIL12 Datasheet HTML 86Page - Motorola, Inc M68DIL12 Datasheet HTML 87Page - Motorola, Inc M68DIL12 Datasheet HTML 88Page - Motorola, Inc M68DIL12 Datasheet HTML 89Page - Motorola, Inc M68DIL12 Datasheet HTML 90Page - Motorola, Inc M68DIL12 Datasheet HTML 91Page - Motorola, Inc M68DIL12 Datasheet HTML 92Page - Motorola, Inc M68DIL12 Datasheet HTML 93Page - Motorola, Inc M68DIL12 Datasheet HTML 94Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 460 page
background image
Bus Control and Input/Output
Technical Data
MC68HC912D60A — Rev 3.0
90
Bus Control and Input/Output
MOTOROLA
0 = Associated pin is a high-impedance input
1 = Associated pin is an output
PE[1:0] are associated with XIRQ and IRQ and cannot be configured as
outputs. These pins can be read regardless of whether the alternate
interrupt functions are enabled.
This register is not in the map in peripheral mode and expanded modes
while the EME control bit is set.
Read and write anytime.
The PEAR register is used to choose between the general-purpose I/O
functions and the alternate bus control functions of port E. When an
alternate control function is selected, the associated DDRE bits are
overridden.
The reset condition of this register depends on the mode of operation
because bus-control signals are needed immediately after reset in some
modes.
In normal single-chip mode, no external bus control signals are needed
so all of port E is configured for general-purpose I/O.
BIT 7
654321
BIT 0
NDBE
CGMTE
PIPOE
NECLK
LSTRE
RDWE
CALE
DBENE
RESET:
00000000
Normal
Expanded
RESET:
00101100
Special
Expanded
RESET:
11010000
Peripheral
RESET:
10010000
Normal
single chip
RESET:
00101100
Special
single chip
PEAR — Port E Assignment Register
$000A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - M68DIL12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68DIL12 MOTOROLA-M68DIL12 Datasheet
2Mb / 432P
   Advance Information - Rev 4.0
More results

Similar Description - M68DIL12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com