Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD100-12 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part No. AD100-12
Description  APD with 0.008 mm² active area
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD100-12 Datasheet(HTML) 4 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD100-12 SMD
Part Description AD100-12 SMD
Order # 501828; 501829; 501830
Order # 501828; 501829; 501830
Version 13-10-14
Version 13-10-14
Package dimension, large quantities on reel
Package dimension, small quantities in trays
Pocket location
M
=
11.81 mm ± 0.13 mm
M1
=
11.81 mm ± 0.13 mm
M2
=
8.64 mm ± 0.13 mm
M3
=
8.64 mm ± 0.13 mm
Array
=
10 x 10 (100)
Pocket details
X
=
4.60 mm ± 0.13 mm
Y
=
3.71 mm ± 0.13 mm
Z
=
2.16 mm ± 0.13 mm
A
=
5° ± 0.5°, no cross slots
Overall tray size
Size
=
101.60 mm ± 0.13 mm
Height
=
8.00 mm ± 0.13 mm
Flatness
=
0.51 mm
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
USA:
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
T +1 818 706 3400
F +1 818 889 7053
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn