Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD100-12 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part No. AD100-12
Description  APD with 0.008 mm² active area
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD100-12 Datasheet(HTML) 3 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD100-12 SMD
Part Description AD100-12 SMD
Order # 501828; 501829; 501830
Order # 501828; 501829; 501830
Version 13-10-14
Version 13-10-14
Technical Drawing, Package: LCC6.1
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
USA:
T +1 818 706 3400
T +49 30 6399 2399
• For low light level applications blocking of ambient light should be used
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
F +49 30 639923-752
F +1 818 889 7053
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD
A
A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn