Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD100-12 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part No. AD100-12
Description  APD with 0.008 mm² active area
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD100-12 Datasheet(HTML) 2 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD100-12 SMD
Part Description AD100-12 SMD
Order # 501828; 501829; 501830
Order # 501828; 501829; 501830
Version 13-10-14
Version 13-10-14
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Order # 501829:
Order # 501830:
Typ. filter characteristics (center 635 nm)
Typ. filter characteristics (center 650 nm)
full filter specification upon request
full filter specification upon request
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
5700 Corsa Avenue #105
First Sensor Inc.
USA:
CA 91362 USA
F +49 30 639923-752
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +1 818 889 7053
T +1 818 706 3400
Westlake Village
0
20
40
60
80
100
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0
1
2
3
4
5
0
10
20
30
40
50
60
Reverse bias (V)
1
10
100
1,000
20
30
40
50
60
70
80
90
100
110
Reverse bias [V]
22°C
30°C
40°C
50°C
60°C
70°C
80°C
1.0E-13
1.0E-12
1.0E-11
1.0E-10
1.0E-09
1.0E-08
20
30
40
50
60
70
80
90
100
110
Reverse bias [V]
22°C
30°C
40°C
50°C
60°C
70°C
80°C
0
20
40
60
80
100
500
600
700
800
900
1000
Wavelength (nm)
0
20
40
60
80
100
500
600
700
800
900
1000
Wavelength (nm)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn