Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD100-12 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part No. AD100-12
Description  APD with 0.008 mm² active area
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD100-12 Datasheet(HTML) 1 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
First Sensor APD Data Sheet
Part Description AD100-12 SMD
Order # 501828; 501829; 501830
Version 13-10-14
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
100
70
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
A/W
A/W
ns
GHz
V
V/K
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
Temperature coefficiant
Change of VBR with temperature
60
Excess noise index
M = 100
Responsivity
Order # 501828; M = 100; λ = 660 nm
45
50
0.2
90
120
Cut-off frequency
-3dB, phase shift mode
3
tR
Rise time
M = 100; λ = 660 nm; RL = 50 Ω
Responsivity
VBR
Breakdown voltage
C
Capacitance
M = 100
0.5
ID
Dark current
M = 100
0.05
0.5
TOP
Operating temp
-20
°C
Mmax
Gain (IP0 = 1 nA)
200
TSTG
Storage temp
-40
°C
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 0.008 mm² active area
• Optimized for 550 nm to 750 nm
• Very high sensitivity
• High cut-off frequency
Symbol
Unit
Min
Circular active area APD chip with
100 µm diameter. Ceramic carrier
type non hermetic SMD package
with clear glass or filter window.
Reflow solderable.
• Medical equipment
Parameter
• Ultra low temperature coefficient
Active area
0.0078
Typ
Max
Symbol
Characteristic
Test Condition
IPEAK
Peak DC current
mA
Active area
Min
diameter 100
Order # 501829; M = 100; λ = 635 nm
40
44
40
44
Order # 501830; M = 100; λ = 650 nm
F +49 30 639923-752
2.0
0.15
0.12
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
Responsivity, preliminary
IR = 2 µA, VBR - binning available
Excess noise factor
M = 100
USA:
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
T +1 818 706 3400
F +1 818 889 7053
0
10
20
30
40
50
60
400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100
Wavelength (nm)
# 501828
# 501829
# 501830
PIN 1
PIN 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn