Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD100-8 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part No. AD100-8
Description  APD with 0.008 mm² active area
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD100-8 Datasheet(HTML) 2 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD100-8 SMD
Part Description AD100-8 SMD
Order # 501810; 501811; 501812
Order # 501810; 501811; 501812
Version 28-10-11
Version 28-10-11
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C, 60 °C)
Dark current as fct of bias (23 °C, 60 °C)
Order # 501811:
Order # 501812:
Typ. filter characteristics (center 635 nm)
Typ. filter characteristics (center 650 nm)
full filter specification upon request
full filter specification upon request
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
F +49 30 639923-752
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +1 818 889 7053
T +1 818 706 3400
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
CA 91362 USA
0,0
20,0
40,0
60,0
80,0
100,0
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0,00
1,00
2,00
3,00
4,00
5,00
6,00
7,00
0
10
20
30
40
50
60
70
80
Reverse bias (V)
1
10
100
1.000
20
30
40
50
60
70
80
90
100
110
120
Reverse bias [V]
23°C
60°C
1,0E-12
1,0E-11
1,0E-10
1,0E-09
20
30
40
50
60
70
80
90
100
110
120
Reverse bias [V]
23°C
60°C
0
20
40
60
80
100
500
600
700
800
900
1000
Wavelength (nm)
0
20
40
60
80
100
500
600
700
800
900
1000
Wavelength (nm)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn