Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD100-8 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part No. AD100-8
Description  APD with 0.008 mm² active area
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

AD100-8 Datasheet(HTML) 1 Page - Sensortechnics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
First Sensor APD Data Sheet
Part Description AD100-8 SMD
Order # 501810; 501811; 501812
Version 28-10-11
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
100
70
0.25
Schematic
Electro-optical characteristics @ 23°C
Unit
µm
mm²
nA
pF
A/W
A/W
A/W
ns
GHz
V
V/K
*please add a "01" to the order numer for VBR-class 80V-120V and a "02" for VBR-class 120V-160V
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
30
35
2.2
0.2
VBR
Breakdown voltage
IR = 2 µA, VBR - binning available*
Excess noise factor
80
Excess noise index
M = 100
Order # 501811; M = 100; λ = 635 nm
30
32
0.18
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
USA:
Temperature coefficiant
Change of VBR with temperature
0.35
0.00785
Typ
Max
Symbol
Characteristic
Test Condition
IPEAK
Peak DC current
mA
Active area
Min
diameter 100
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 0.008 mm² active area
• 100 µm diameter active area
• High gain at low bias voltage
• Fast rise time, low capacitance
Symbol
Unit
Min
Circular active area APD chip with
100µm diameter. Ceramic carrier
type non hermetic SMD package
with clear glass or filter window.
Reflow solderable.
• Medical equipment
Parameter
• Optimum gain: 50-60
ID
Dark current
M = 100
0.05
0.1
C
Capacitance
M = 100
0.5
Responsivity, preliminary
Order # 501812; M = 100; λ = 650 nm
Mmax
Gain (IP0 = 1 nA)
200
TSTG
Storage temp
-40
°C
TOP
Operating temp
-20
°C
Active area
Westlake Village
Responsivity
Order # 501810; M = 100; λ = 800 nm
45
50
0.45
0.55
160
Cut-off frequency
-3dB
2
tR
Rise time
M = 100; λ = 905 nm; RL = 50 Ω
Responsivity
M = 100
First Sensor Inc.
5700 Corsa Avenue #105
CA 91362 USA
T +1 818 706 3400
F +1 818 889 7053
0
10
20
30
40
50
60
400
450 500
550
600
650
700
750
800
850
900 950 1000 1050 1100
Wavelength (nm)
# 501810
# 501811
# 501812
PIN 1
PIN 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn