Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLM2520-100J Datasheet(PDF) 2 Page - TOKO, Inc

Part # FSLM2520-100J
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FSLM2520-100J Datasheet(HTML) 2 Page - TOKO, Inc

  FSLM2520-100J Datasheet HTML 1Page - TOKO, Inc FSLM2520-100J Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
STANDARD PART NUMBERS
標準品一覧
TYPE LLM2520 (Previous name FSLM2520, Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
Q
測定周波数
直流抵抗
(2)
最大許容電流
(3)
自己共振周波数
Part
Number
Inductance
(1)
Tolerance
Q
Min.
Test
Frequency
(MHz)
DC
Resistance
(2)
(
) Max.
Rated DC
Current
(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
Lo (
H)
(%)
#FSLM2520-R10J=P2
0.10
±5
30
25.2
0.21
570
680
#FSLM2520-R12J=P2
0.12
±5
30
25.2
0.22
550
650
#FSLM2520-R15J=P2
0.15
±5
30
25.2
0.25
500
530
#FSLM2520-R18J=P2
0.18
±5
30
25.2
0.29
460
520
#FSLM2520-R22J=P2
0.22
±5
30
25.2
0.30
430
390
#FSLM2520-R27J=P2
0.27
±5
30
25.2
0.33
420
330
#FSLM2520-R33J=P2
0.33
±5
30
25.2
0.39
400
310
#FSLM2520-R39J=P2
0.39
±5
30
25.2
0.40
375
290
#FSLM2520-R47J=P2
0.47
±5
30
25.2
0.44
350
260
#FSLM2520-R56J=P2
0.56
±5
30
25.2
0.49
330
230
#FSLM2520-R68J=P2
0.68
±5
30
25.2
0.52
320
200
#FSLM2520-R82J=P2
0.82
±5
30
25.2
0.61
290
180
#FSLM2520-1R0J=P2
1.0
±5
30
7.96
0.75
250
150
#FSLM2520-1R2J=P2
1.2
±5
30
7.96
0.87
240
140
#FSLM2520-1R5J=P2
1.5
±5
30
7.96
1.0
230
130
#FSLM2520-1R8J=P2
1.8
±5
30
7.96
1.1
220
120
#FSLM2520-2R2J=P2
2.2
±5
30
7.96
1.3
210
105
#FSLM2520-2R7J=P2
2.7
±5
30
7.96
1.4
200
90
#FSLM2520-3R3J=P2
3.3
±5
30
7.96
1.6
190
80
#FSLM2520-3R9J=P2
3.9
±5
30
7.96
1.7
185
75
#FSLM2520-4R7J=P2
4.7
±5
30
7.96
1.9
180
70
#FSLM2520-5R6J=P2
5.6
±5
30
7.96
2.2
170
60
#FSLM2520-6R8J=P2
6.8
±5
30
7.96
2.4
165
55
#FSLM2520-8R2J=P2
8.2
±5
30
7.96
2.6
160
50
#FSLM2520-100J=P2
10
±5
25
2.52
2.2
155
30
#FSLM2520-120J=P2
12
±5
25
2.52
2.5
150
27
#FSLM2520-150J=P2
15
±5
25
2.52
2.8
140
23
#FSLM2520-180J=P2
18
±5
25
2.52
3.2
130
22
#FSLM2520-220J=P2
22
±5
25
2.52
3.6
125
21
#FSLM2520-270J=P2
27
±5
25
2.52
4.3
115
19
#FSLM2520-330J=P2
33
±5
25
2.52
4.7
110
17
#FSLM2520-390J=P2
39
±5
25
2.52
8.1
85
15
#FSLM2520-470J=P2
47
±5
25
2.52
8.8
80
14
#FSLM2520-560J=P2
56
±5
25
2.52
10.0
75
12.5
#FSLM2520-680J=P2
68
±5
25
2.52
11.5
70
12
#FSLM2520-820J=P2
82
±5
25
2.52
12.5
65
11
#FSLM2520-101J=P2
100
±5
15
0.796
13.0
60
10
#FSLM2520-121J=P2
120
±5
15
0.796
19.0
55
8
#FSLM2520-151J=P2
150
±5
15
0.796
22.0
50
7.5
#FSLM2520-181J=P2
180
±5
15
0.796
25.0
47
7
#FSLM2520-221J=P2
220
±5
15
0.796
28.0
44
6.5
Note 使用上の注意
Operating frequency bands on a set of each article number is equal to or less than measurement frequency.
各品番のセット上での使用周波数帯域は測定周波数以下で必ずご使用願います。
(1) Inductance is measured with a LCR meter 4194A (*) or 4291A (*)
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
20°C, whichever is smaller. (Reference ambient temperature
20°C)
* Agilent Technologies
(1) インダクタンスはLCRメータ4194A (Agilent Technologies)または
4291A (Agilent Technologies)により測定する。
(2) 直流抵抗はデジタルマルチメータTR6871 (Advantest)または同等
品により測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コイ
ルの温度が20°C上昇の何れか小さい値。(周囲温度20°Cを基準とす
る)
Wire Wound Chip Inductors
巻線チップインダクタ


Similar Part No. - FSLM2520-100J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
FSLM2520-100J MURATA-FSLM2520-100J Datasheet
743Kb / 2P
   Inductor
More results

Similar Description - FSLM2520-100J

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com