Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI30-U Datasheet(PDF) 1 Page - CUI INC

Part # SDI30-U
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDI30-U Datasheet(HTML) 1 Page - CUI INC

  SDI30-U Datasheet HTML 1Page - CUI INC SDI30-U Datasheet HTML 2Page - CUI INC SDI30-U Datasheet HTML 3Page - CUI INC SDI30-U Datasheet HTML 4Page - CUI INC SDI30-U Datasheet HTML 5Page - CUI INC SDI30-U Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 11/15/2016
page 1 of 6
SERIES: SDI30-U
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SDI30-12-U
12
2.5
30
200
VI
SDI30-15-U
15
2
30
200
VI
SDI30-19-U
19
1.6
30
300
VI
SDI30-24-U
24
1.25
30
300
VI
Notes:
1. Measured at 100~240 Vac input, full load, 20 MHz bandwidth oscilloscope, output terminated with a 10 µF aluminum electrolytic and 0.1 µF ceramic capacitor.
2. CoC Tier 2 compliant
FEATURES
• up to 30 W continuous power
• DoE Level VI, CoC Tier 2 efficiency
• universal input voltage range
• compact size
• no load power consumption < 0.075 W
• over voltage and short circuit protections
• UL/cUL, GS, and PSE safety approvals
• custom designs available
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SDI30 - XX - U X - XXX - CXX
DC Plug Type:
XXX = See output plug options
on page 5 for more details
Output Voltage
Input Cable:
“Blank” = No Cable
C = North America input cable
2 = Europe input cable
3 = United Kingdom input cable
4 = Australia input cable
5 = China input cable
6 = South Korea input cable
7 = Brazil input cable
8 = South Africa input cable
9 = Japan input cable
AC Inlet Type:
IEC320/C14
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SDI30-U

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDI30-U CUI-SDI30-U Datasheet
534Kb / 6P
   AC-DC POWER SUPPLY
12/09/2020
SDI30-UD CUI-SDI30-UD Datasheet
550Kb / 6P
   AC-DC POWER SUPPLY
SDI30-UD CUI-SDI30-UD Datasheet
548Kb / 6P
   AC-DC POWER SUPPLY
12/14/2020
SDI30-UD CUI-SDI30-UD_V01 Datasheet
548Kb / 6P
   AC-DC POWER SUPPLY
12/14/2020
SDI30-U CUI-SDI30-U_V01 Datasheet
534Kb / 6P
   AC-DC POWER SUPPLY
12/09/2020
More results

Similar Description - SDI30-U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com