Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2702MTX-ADJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2702MTX-ADJ
Description  TFT Panel Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2702MTX-ADJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2702MTX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2702MTX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM2702
TFT Panel Module
General Description
The LM2702 is a compact bias solution for TFT displays. It
has a current mode PWM step-up DC/DC converter with a
2A, 0.2
Ω internal switch. Capable of generating 8V at
170mA from a Lithium Ion battery, the LM2702 is ideal for
generating bias voltages for large screen LCD panels. The
LM2702 operates at a switching frequency of 600kHz allow-
ing for easy filtering and low noise. An external compensa-
tion pin gives the user flexibility in setting frequency compen-
sation, which makes possible the use of small, low ESR
ceramic capacitors at the output. The LM2702 uses a pat-
ented internal circuitry to limit startup inrush current of the
boost switching regulator without the use of an external
softstart capacitor. An external softstart pin enables the user
to tailor the softstart to a specific application. The LM2702
has an internal controllable PMOS switch used for control-
ling the row driver voltages. The switch can be controlled
externally with a control pin and delay time. The LM2702
contains a Vcom amplifier and a Gamma buffer capable of
supplying 50mA source and sink. The TSSOP-16 package
ensures a low profile overall solution.
Features
n
2A, 0.2
Ω, internal power switch
n
V
IN operating range: 2.2V to 12V
n
600kHz switching frequency step-up DC/DC converter
n
Inrush current limiting circuitry
n
External softstart override
n
Internal 7.3
Ω PMOS switch
n
PMOS switch control pin
n
PMOS switch delay pin
n
Vcom amplifier
n
Gamma buffer
n
16 pin TSSOP package
Applications
n
LCD Bias Supplies
Typical Application Circuit
20051131
November 2002
© 2002 National Semiconductor Corporation
DS200511
www.national.com


Similar Part No. - LM2702MTX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700LD-ADJ NSC-LM2700LD-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2702MTX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2715 NSC-LM2715_06 Datasheet
1Mb / 22P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2711 NSC-LM2711 Datasheet
846Kb / 20P
   TFT Panel Module
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
   5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
   Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
   TFT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com