Electronic Components Datasheet Search |
|
TCA9534 Datasheet(PDF) 8 Page - Texas Instruments |
|
TCA9534 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 38 page VOL - Output Low Voltage (V) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 5 10 15 20 25 30 35 D005 VCC = 1.8 V -40qC 25qC 85qC VOL - Output Low Voltage (V) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 10 20 30 40 50 60 D006 VCC = 2.5 V -40qC 25qC 85qC VOL - Output Low Voltage (V) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 5 10 15 20 25 30 D004 VCC = 1.65 V -40qC 25qC 85qC VCC - Supply Voltage (V) 1.5 2 2.5 3 3.5 4 4.5 5 5.5 0 5 10 15 20 25 30 D003 -40qC 25qC 85qC TA - Temperature (°C) -40 -15 10 35 60 85 0 4 8 12 16 20 24 28 32 36 40 D001 Vcc = 1.65 V Vcc = 1.8 V Vcc = 2.5 V Vcc = 3.3 V Vcc = 3.6 V Vcc = 5 V Vcc = 5.5V TA - Temperature (°C) -40 -15 10 35 60 85 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 D002 Vcc = 1.65 V Vcc = 1.8 V Vcc = 2.5 V Vcc = 3.3 V Vcc = 3.6 V Vcc = 5 V Vcc = 5.5V 8 TCA9534 SCPS197B – SEPTEMBER 2014 – REVISED NOVEMBER 2016 www.ti.com Product Folder Links: TCA9534 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated 6.8 Typical Characteristics TA = 25°C (unless otherwise noted) Figure 1. Supply Current vs Temperature for Different Supply Voltage (VCC) Figure 2. Standby Supply Current vs Temperature for Different Supply Voltage (VCC) Figure 3. Supply Current vs Supply Voltage for Different Temperature (TA) Figure 4. I/O Sink Current vs Output Low Voltage for Different Temperature (TA) for VCC = 1.65 V Figure 5. I/O Sink Current vs Output Low Voltage for Different Temperature (TA) for VCC = 1.8 V Figure 6. I/O Sink Current vs Output Low Voltage for Different Temperature (TA) for VCC = 2.5 V |
Similar Part No. - TCA9534_16 |
|
Similar Description - TCA9534_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |