Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2559 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2559
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2559 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS2559 Datasheet HTML 6Page - Texas Instruments TAS2559 Datasheet HTML 7Page - Texas Instruments TAS2559 Datasheet HTML 8Page - Texas Instruments TAS2559 Datasheet HTML 9Page - Texas Instruments TAS2559 Datasheet HTML 10Page - Texas Instruments TAS2559 Datasheet HTML 11Page - Texas Instruments TAS2559 Datasheet HTML 12Page - Texas Instruments TAS2559 Datasheet HTML 13Page - Texas Instruments TAS2559 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
10
TAS2559
SLASEE8 – NOVEMBER 2016
www.ti.com
Product Folder Links: TAS2559
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All timing specifications are measured at characterization but not tested at final test.
7.8 I
2S/LJF/RJF Timing in Master Mode
All specifications at TA = –40°C to 85°C, IOVDD data sheet limits, VIL and VIH applied, VOL and VOH measured at datasheet
limits, lumped capacitive load of 20 pF on output pins unless otherwise noted. See Figure 3
(1)
SYMBOL
PARAMETER
CONDITIONS
IOVDD = 1.8 V
IOVDD = 3.3
V
UNIT
MIN
MAX
MIN
MAX
td(WS)
BCLK to WCLK delay
50% of BCLK to 50% of WCLK
35
25
ns
td(DO-WS)
WCLK to DOUT delay (For LJF Mode only)
50% of WCLK to 50% of DOUT
35
25
ns
td(DO-
BCLK)
BCLK to DOUT delay
50% of BCLK to 50% of DOUT
35
25
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
10%-90% Rise Time
8
4
ns
tf
Fall time
90%-10% Fall Time
8
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
7.9 I
2S/LJF/RJF Timing in Slave Mode
All specifications at TA = –40°C to 85°C, IOVDD data sheet limits, VIL and VIH applied, VOL and VOH measured at datasheet
limits, lumped capacitive load of 20 pF on output pins unless otherwise noted. See Figure 4
(1)
SYMBOL
PARAMETER
CONDITIONS
IOVDD = 1.8 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
40
30
ns
tL(BCLK)
BCLK low period
40
30
ns
ts(WS)
(WS)
8
8
ns
th(WS)
WCLK hold
8
8
ns
td(DO-WS)
WCLK to DOUT delay (For LJF Mode only)
50% of WCLK to 50% of DOUT
35
25
ns
td(DO-BCLK)
BCLK to DOUT delay
50% of BCLK to 50% of DOUT
35
25
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
10%-90% Rise Time
8
4
ns
tf
Fall time
90%-10% Fall Time
8
4
ns


Similar Part No. - TAS2559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFR TI1-TAS2552YFFR Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFT TI1-TAS2552YFFT Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com