Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2557YZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2557YZR
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2557YZR Datasheet(HTML) 3 Page - Texas Instruments

  TAS2557YZR Datasheet HTML 1Page - Texas Instruments TAS2557YZR Datasheet HTML 2Page - Texas Instruments TAS2557YZR Datasheet HTML 3Page - Texas Instruments TAS2557YZR Datasheet HTML 4Page - Texas Instruments TAS2557YZR Datasheet HTML 5Page - Texas Instruments TAS2557YZR Datasheet HTML 6Page - Texas Instruments TAS2557YZR Datasheet HTML 7Page - Texas Instruments TAS2557YZR Datasheet HTML 8Page - Texas Instruments TAS2557YZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
3
TAS2557
www.ti.com
SLASEC2 – NOVEMBER 2016
Product Folder Links: TAS2557
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
(1)
A-weighted data.
PART
NUMBER
CONTROL
METHOD
Boost Voltage
SNR (1)
ICN
THD+N
Boost Control
Smart Amp
Digital Engine
TAS2552
I2C
8.5 V
94 dB
130 µV
-64 dB
Class-G
NO (External
Processing
Required)
TAS2553
I2C
7.5 V
94 dB
130 µV
-64 dB
Class-G
NO (External
Processing
Required)
TAS2555
I2C or SPI
8.5 V
111 dB
15.9 µV
-90 dB
Class-H
YES (Processing
on Chip)
TAS2557
I2C or SPI
8.5 V
111 dB
15.9 µV
-90 dB
Class-H
YES (Processing
on Chip)
TAS2559
I2C or SPI
8.5 V
111 dB
15.9 µV
-90 dB
Class-H
YES (Processing
on Chip)
TAS2560
I2C
8.5 V
111 dB
16.2 µV
-88 dB
Class-H
NO (External
Processing
Required)


Similar Part No. - TAS2557YZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFR TI1-TAS2552YFFR Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFT TI1-TAS2552YFFT Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2557YZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com