Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2557 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2557
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2557 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS2557 Datasheet HTML 44Page - Texas Instruments TAS2557 Datasheet HTML 45Page - Texas Instruments TAS2557 Datasheet HTML 46Page - Texas Instruments TAS2557 Datasheet HTML 47Page - Texas Instruments TAS2557 Datasheet HTML 48Page - Texas Instruments TAS2557 Datasheet HTML 49Page - Texas Instruments TAS2557 Datasheet HTML 50Page - Texas Instruments TAS2557 Datasheet HTML 51Page - Texas Instruments TAS2557 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
48
TAS2557
SLASEC2 – NOVEMBER 2016
www.ti.com
Product Folder Links: TAS2557
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Map (continued)
0x32
CLOCK_CTRL_4
Clock Control 4
CLOCK_CTRL_4 (book=0x00 page=0x00 address=0x32)
[reset=0h]
0x35
DEBUG_1
Debug Register 1
DEBUG_1 (book=0x00 page=0x00 address=0x35) [reset=0h]
0x64
POWER_STATUS
Power Up Status
POWER_STATUS (book=0x00 page=0x00 address=0x64)
[reset=0h]
0x65
DSP_BOOT_STATUS
DSP Boost Status
DSP_BOOT_STATUS (book=0x00 page=0x00 address=0x65)
[reset=0h]
0x68
INT_DET_1
Interrupt Detected 1
INT_DET_1 (book=0x00 page=0x00 address=0x68) [reset=0h]
0x6C
INT_DET_2
Interrupt Detected 2
INT_DET_2 (book=0x00 page=0x00 address=0x6C)
[reset=0h]
0x79
LOW_POWER
Lower Power Shutdown
LOW_POWER (book=0x00 page=0x00 address=0x79)
[reset=0h]
0x7F
BOOK
Book Selection
BOOK (book=0x00 page=0x00 address=0x7F) [reset=0h]
12.3.1.2 Register Summary Table Book=0x00 Page=0x01
Addr
Register
Description
Section
0x00
PAGE
Page Select
PAGE (book=0x00 page=0x02 address=0x00) [reset=1h]
0x01
ASI1_FORMAT
ASI1 Format
ASI1_FORMAT (book=0x00 page=0x01 address=0x01)
[reset=10h]
0x03
ASI1_OFFSET_1
ASI1 Offset
ASI1_OFFSET_1 (book=0x00 page=0x01 address=0x03)
[reset=0h]
0x04
ASI1_OFFSET_2
ASI1 Offset Second Slot
0x05
ASI1_BUSKEEP
ASI1 Buskeeper
ASI1_BUSKEEP (book=0x00 page=0x01 address=0x05)
[reset=0h]
0x08
ASI1_BCLK
ASI1 BCLK
ASI1_BCLK (book=0x00 page=0x01 address=0x08) [reset=0h]
0x09
ASI1_WCLK
ASI1 WCLK
ASI1_WCLK (book=0x00 page=0x01 address=0x09)
[reset=8h]
0x0C
ASI1_DIN_DOUT
ASI1 DIN/DOUT
ASI1_DIN_DOUT (book=0x00 page=0x01 address=0x0C)
[reset=0h]
0x0D
ASI1_BDIV_CLK
ASI1 BDIV Clock
ASI1_BDIV_CLK (book=0x00 page=0x01 address=0x0D)
[reset=1h]
0x0E
ASI1_BDIV_RATIO
ASI1 BDIV Ratio
ASI1_BDIV_RATIO (book=0x00 page=0x01 address=0x0E)
[reset=2h]
0x0F
ASI1_WDIV_RATIO
ASI1 WDIV Ratio
ASI1_WDIV_RATIO (book=0x00 page=0x01 address=0x0F)
[reset=20h]
0x10
ASI1_CLK_OUT
ASI1 Clock Source
ASI1_CLK_OUT (book=0x00 page=0x01 address=0x10)
[reset=0h]
0x15
ASI2_FORMAT
ASI2 Format
ASI2_FORMAT (book=0x00 page=0x01 address=0x15)
[reset=10h]
0x17
ASI2_OFFSET_1
ASI2 Offset
ASI2_OFFSET_1 (book=0x00 page=0x01 address=0x17)
[reset=0h]
0x18
ASI2_OFFSET_2
ASI2 Offset Second Slot
0x19
ASI2_BUSKEEP
ASI2 Buskeeper
ASI2_BUSKEEP (book=0x00 page=0x01 address=0x19)
[reset=0h]
0x1C
ASI2_BCLK
ASI2 BCLK
ASI2_BCLK (book=0x00 page=0x01 address=0x1C)
[reset=20h]
0x1D
ASI2_WCLK
ASI2 WCLK
ASI2_WCLK (book=0x00 page=0x01 address=0x1D)
[reset=28h]
0x20
ASI2_DIN_DOUT
ASI2 DIN/DOUT
ASI2_DIN_DOUT (book=0x00 page=0x01 address=0x20)
[reset=38h]
0x21
ASI2_BDIV_CLK
ASI2 BDIV Clock
ASI2_BDIV_CLK (book=0x00 page=0x01 address=0x21)
[reset=1h]
0x22
ASI2_BDIV_RATIO
ASI2 BDIV Ratio
ASI2_BDIV_RATIO (book=0x00 page=0x01 address=0x22)
[reset=2h]
0x23
ASI2_WDIV_RATIO
ASI2 WDIV Ratio
ASI2_WDIV_RATIO (book=0x00 page=0x01 address=0x23)
[reset=20h]
0x24
ASI2_CLK_OUT
ASI2 Clock Source
ASI2_CLK_OUT (book=0x00 page=0x01 address=0x24)
[reset=33h]
0x3D
GPIO1_PIN
GPIO1
GPIO1_PIN (book=0x00 page=0x01 address=0x3D)
[reset=1h]


Similar Part No. - TAS2557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFR TI1-TAS2552YFFR Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552YFFT TI1-TAS2552YFFT Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com