Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT541B-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ABT541B-Q1
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT541B-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABT541B-Q1_16 Datasheet HTML 1Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 2Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 3Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 4Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 5Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 6Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 7Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 8Page - Texas Instruments SN74ABT541B-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74ABT541B-Q1
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS762A − JUNE 2003 − REVISED JANUARY 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
Ω
500
Ω
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ABT541B-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT541B-Q1 TI1-SN74ABT541B-Q1 Datasheet
142Kb / 7P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT541B-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com