Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3333AIDCKTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REF3333AIDCKTG4
Description  SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333AIDCKTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF3333AIDCKTG4 Datasheet HTML 4Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 5Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 6Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 7Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 8Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 9Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 10Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 11Page - Texas Instruments REF3333AIDCKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7
6
5
4
3
2
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
1000
100
10
1
0.1
0
1
10
100
1k
10k
100k
Frequency(Hz)
I
=0mA
LOAD
C
LOAD =1mF
I
=1mA
LOAD
C
LOAD =1mF
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
200
180
160
140
120
100
80
60
40
20
0
-5
-4
-3
-2
-1
0
1
2
3
4
5
LoadCurrent(mA)
+125 C
°
+25 C
°
-
°
40 C
Drift(ppm/ C)
°
Drift(ppm/ C)
°
8
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392F – AUGUST 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C and VIN = 5 V, and REF3325 used for typical characteristic measurements (unless otherwise noted).
0°C to 70°C
Figure 1. Temperature Drift
–40°C to 125°C
Figure 2. Temperature Drift
Figure 3. Output Voltage Accuracy vs Temperature
Figure 4. Dropout Voltage vs Load Current
Figure 5. Quiescent Current vs Temperature
Figure 6. Output Impedance vs Frequency


Similar Part No. - REF3333AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3333AIDCKTG4 TI-REF3333AIDCKTG4 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3333AIDCKTG4 TI1-REF3333AIDCKTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
REF3333AIDCKTG4 TI1-REF3333AIDCKTG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results

Similar Description - REF3333AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
[Old version datasheet]   REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI-REF3312 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
logo
Analog Devices
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com