Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ06 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ06
Description  Dual Inverter with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ06 Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ06_13 Datasheet HTML 1Page - ON Semiconductor NL27WZ06_13 Datasheet HTML 2Page - ON Semiconductor NL27WZ06_13 Datasheet HTML 3Page - ON Semiconductor NL27WZ06_13 Datasheet HTML 4Page - ON Semiconductor NL27WZ06_13 Datasheet HTML 5Page - ON Semiconductor NL27WZ06_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 10
1
Publication Order Number:
NL27WZ06/D
NL27WZ06
Dual Inverter with Open
Drain Outputs
The NL27WZ06 is a high performance dual inverter with open drain
outputs operating from a 1.65 V to 5.5 V supply.
The internal circuit is composed of multiple stages, including an
open drain output. The open drain output provides the capability to set
the output switching level to a user selectable value with an external
resistor and power supply. The logic high output value is set by the
external power supply and can be less than, equal or greater than the
VCC power supply, provided the voltage supply is less than 5.5 V.
Features
Extremely High Speed: tPD 2.4 ns (typical) at VCC = 5 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs
LVTTL Compatible − Interface Capability With 5 V TTL Logic
with VCC = 3 V
LVCMOS Compatible
24 mA Output Sink Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Chip Complexity: FET = 72; Equivalent Gate = 18
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
OUT Y1
IN A1
1
2
3
5
6
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
4
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC−88
DF SUFFIX
CASE 419B
TSOP−6
DT SUFFIX
CASE 318G
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
OUT Y1
6
FUNCTION TABLE
L
H
A Input
Y Output
Z
L
http://onsemi.com
1
1
MF M G
G
1
MF = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
MF M G
G
1
6
6
Pin
Function


Similar Part No. - NL27WZ06_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
   Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
More results

Similar Description - NL27WZ06_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
   Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Diodes Incorporated
74LVC2G06 DIODES-74LVC2G06 Datasheet
258Kb / 9P
   DUAL INVERTER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_07 Datasheet
94Kb / 7P
   Dual Inverter with Open Drain Outputs
February, 2007 ??Rev. 6
NL27WZ06 ONSEMI-NL27WZ06 Datasheet
86Kb / 8P
   Dual Inverter with Open Drain Outputs
May, 2004 ??Rev. 4
NL27WZ06 ONSEMI-NL27WZ06_V01 Datasheet
329Kb / 13P
   Dual Inverter with Open Drain Outputs
September, 2020 - Rev. 11
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com