Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14572UBDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14572UBDR2G
Description  Hex Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14572UBDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14572UBDR2G Datasheet HTML 1Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 2Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 3Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 4Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC14572UB
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Type 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ
(Note 6)
Max
Unit
Output Rise Time
tTLH = (3.0 ns/pF) CL + 30 ns
tTLH = (1.5 ns/pF) CL + 15 ns
tTLH = (1.1 ns/pF) CL + 10 ns
tTLH
5.0
10
15
180
90
65
360
180
130
ns
Output Fall Time
tTHL = (1.5 ns/pF) CL + 25 ns
tTHL = (0.75 ns/pF) CL + 12.5 ns
tTHL = (0.55 ns/pF) CL + 9.5 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL = (1.7 ns/pF) CL + 5 ns
tPLH, tPHL = (0.66 ns/pF) CL + 17 ns
tPLH, tPHL = (0.5 ns/pF) CL + 15 ns
tPLH,
tPHL
5.0
10
15
90
50
40
180
100
80
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuits and Waveforms
PULSE
GENERATOR
PULSE
GENERATOR
INPUT
2
INPUT
15
VDD
VDD
16
16
8
8VSS
VSS
CL
CL
1
13
OUTPUT
OUTPUT
PULSE
GENERATOR
INPUT
7
VDD
16
5
OUTPUT
8VSS
CL
6
20 ns
20 ns
VDD
VSS
VOH
VOL
tr
tf
90%
50%
10%
90%
50%
10%
90%
50%
10%
90%
10%
50%
INPUT
OUTPUT
tPHL
tPLH
14


Similar Part No. - MC14572UBDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14572UBDR2G ONSEMI-MC14572UBDR2G Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UBDR2G ONSEMI-MC14572UBDR2G Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
More results

Similar Description - MC14572UBDR2G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14572UB HITACHI-HD14572UB Datasheet
65Kb / 6P
   Hex Gate
logo
STMicroelectronics
HCC4572B STMICROELECTRONICS-HCC4572B Datasheet
201Kb / 6P
   HEX GATE
logo
ON Semiconductor
MC14572UB ONSEMI-MC14572UB_06 Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UB ONSEMI-MC14572UB Datasheet
138Kb / 8P
   Hex Gate
March, 2000 ??Rev. 3
MC14572UB ONSEMI-MC14572UB_11 Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4572UB TI-CD4572UB Datasheet
277Kb / 6P
[Old version datasheet]   CMOS HEX GATE
logo
ON Semiconductor
MC10197 ONSEMI-MC10197 Datasheet
99Kb / 4P
   Hex AND Gate
1996 REV 5
logo
Texas Instruments
SN74AUC34 TI1-SN74AUC34 Datasheet
610Kb / 11P
[Old version datasheet]   HEX BUFFER GATE
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Hex Gate
logo
National Semiconductor ...
DM54L04 NSC-DM54L04 Datasheet
82Kb / 4P
   Hex Inverting Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com