Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14050BDG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14050BDG
Description  Hex Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14050BDG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14050BDG Datasheet HTML 1Page - ON Semiconductor MC14050BDG Datasheet HTML 2Page - ON Semiconductor MC14050BDG Datasheet HTML 3Page - ON Semiconductor MC14050BDG Datasheet HTML 4Page - ON Semiconductor MC14050BDG Datasheet HTML 5Page - ON Semiconductor MC14050BDG Datasheet HTML 6Page - ON Semiconductor MC14050BDG Datasheet HTML 7Page - ON Semiconductor MC14050BDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14049B, MC14050B
http://onsemi.com
5
Figure 3. Ambient Temperature Power Derating
1200
1100
1000
900
825
800
740
700
600
500
400
300
200
100
0
175
150
125
100
75
50
25
TA, AMBIENT TEMPERATURE (°C)
175 mW (P)
120 mW (D)
(P) PDIP
(D) SOIC
tPHL
Figure 4. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
VSS
8
1
CL
Vout
Vin
#
# Invert on MC14049B only
20 ns
20 ns
VDD
VSS
VOH
VOL
VOH
VOL
90%
50%
10%
90%
50%
10%
90%
50%
10%
tPLH
tTLH
tPHL
tTHL
tPHL
tPLH
tTLH
tTHL
OUTPUT
MC14049B
OUTPUT
MC14050B
INPUT


Similar Part No. - MC14050BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14050BDG ONSEMI-MC14050BDG Datasheet
148Kb / 9P
   Hex Buffer
June, 2011 ??Rev. 7
MC14050BDG ONSEMI-MC14050BDG Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
More results

Similar Description - MC14050BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com