Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA820SHKQ Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA820SHKQ
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SHKQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA820SHKQ Datasheet HTML 6Page - Texas Instruments OPA820SHKQ Datasheet HTML 7Page - Texas Instruments OPA820SHKQ Datasheet HTML 8Page - Texas Instruments OPA820SHKQ Datasheet HTML 9Page - Texas Instruments OPA820SHKQ Datasheet HTML 10Page - Texas Instruments OPA820SHKQ Datasheet HTML 11Page - Texas Instruments OPA820SHKQ Datasheet HTML 12Page - Texas Instruments OPA820SHKQ Datasheet HTML 13Page - Texas Instruments OPA820SHKQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
100
10
1
INPUT VOLTAGE AND CURRENT NOISE
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
Voltage Noise (2.5nV/√Hz)
Current Noise (1.7pA/√Hz)
100
10
1
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
0dB Peaking Targeted
90
80
70
60
50
40
30
20
10
0
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
CMRR
+PSRR
−PSRR
50
45
40
35
30
25
20
15
TWO−TONE, 3RD−ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
0
5
10
15
20
25
30
40 2 W
O P A 82 0
P
P
I
O
5 0 W
2 00 W
8
7
6
5
4
3
2
1
0
−1
−2
−3
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
400
C
L = 10pF
C
L = 22pF
C
L = 47pF
C
L = 100pF
4 02Ω
R
S
OPA 820
V
V
I
O
50Ω
1kΩ(1)
C
L
402Ω
NOTE: (1) 1kΩ is o ptional.
80
70
60
50
40
30
20
10
0
−10
OPEN−LOOP GAIN AND PHASE
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
100
1k
10k
100k
1M
10M
100M
1G
20 log (A
OL)
∠A
OL
40 2 W
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5 V (continued)
RF = 402 Ω, RL = 100 Ω, G = 2 and TA = 25°C unless otherwise noted.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT


Similar Part No. - OPA820SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820SKD3 TI1-OPA820SKD3 Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820SKGD3 TI1-OPA820SKGD3 Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - OPA820SHKQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com