Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA170-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA170-EP
Description  36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA170-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA170-EP Datasheet HTML 7Page - Texas Instruments OPA170-EP Datasheet HTML 8Page - Texas Instruments OPA170-EP Datasheet HTML 9Page - Texas Instruments OPA170-EP Datasheet HTML 10Page - Texas Instruments OPA170-EP Datasheet HTML 11Page - Texas Instruments OPA170-EP Datasheet HTML 12Page - Texas Instruments OPA170-EP Datasheet HTML 13Page - Texas Instruments OPA170-EP Datasheet HTML 14Page - Texas Instruments OPA170-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-3
-2
-1
0
1
2
3
D012
VS = 2.7 V to 36 V
VS = 4 V to 36 V
30
25
20
15
10
5
0
-75
-50
-25
0
25
150
Temperature (°C)
50
125
100
75
V = ±1.35 V
S
V = 2 V
S
±
V = 18 V
S
±
18
0
1
2
3
4
10
OutputCurrent(mA)
5
6
7
17
16
15
14.5
-14.5
-15
-16
-17
-18
8
9
-
°
40 C
+25 C
°
+125 C
°
140
120
100
80
60
40
20
0
1
10
100
1k
10k
1M
Frequency (Hz)
100k
+PSRR
-PSRR
CMRR
-20
20
12
10
8
6
4
2
0
-15
-10
-5
0
5
10
15
V
(V)
CM
V
= 18.1 V
CM
-
V
= 16.1 V
CM
-IB
I
OS
+I
B
I
B+
I
B-
I
OS
2000
1500
1000
500
0
500
1000
-
-
-75
-50
-25
0
25
150
Temperature( C)
°
50
125
100
75
11
OPA170-Q1, OPA2170-Q1, OPA4170-Q1
www.ti.com
SBOS834 – DECEMBER 2016
Product Folder Links: OPA170-Q1 OPA2170-Q1 OPA4170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 7. IB and IOS vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Figure 9. Output Voltage Swing vs Output Current
(Maximum Supply)
Figure 10. CMRR and PSRR vs Frequency
(Referred to Input)
Figure 11. CMRR vs Temperature
Figure 12. PSRR vs Temperature


Similar Part No. - OPA170-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA170-EP TI1-OPA170-EP Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results

Similar Description - OPA170-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com