Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT01ELPGMQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01ELPGMQ1
Description   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01ELPGMQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT01ELPGMQ1 Datasheet HTML 7Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 8Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 9Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 10Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 11Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 12Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 13Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 14Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PC
Temp
256 C
50 C
4096
§
·
u
q
q
¨
¸
©
¹
Power
Off
54ms
max
Pulse
Train
Start of next
conversion result data
50ms max
End of data
Power
Start of data
transmission
End of data
104ms max
50ms max
Power
ON
11
LMT01-Q1
www.ti.com
SNIS192 – NOVEMBER 2016
Product Folder Links: LMT01-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Output Interface
The LMT01-Q1 provides a digital output in the form of a pulse count that is transmitted by a train of current
pulses. After the LMT01-Q1 is powered up it will transmit a very low current of 34 µA for less than 54 ms while
the part executes a temperature to digital conversion, as shown in Figure 15. Once the temperature to digital
conversion has completed the LMT01-Q1 will start to transmit a pulse train that toggles from the low current of 34
µA to a high current level of 125 µA. The pulse train total time interval is at maximum 50 ms. The LMT01-Q1 will
transmit a series of pulses equivalent to the pulse count at a given temperature as described in . After the pulse
count has been transmitted the LMT01-Q1 current level will remain low for the remainder of the 50 ms. The total
time for the temperature to digital conversion and the pulse train time interval is 104 ms (max). If power is
continuously applied the pulse train output will repeat start every 104 ms (max).
Figure 15. Temperature to Digital Pulse Train Timing Cycle
The LMT01LMT01-Q1 can be powered down at any time thus conserving system power. Care should be taken
though, that a power down wait time of 50ms, minimum, be used before the device is turned on again.
7.3.2 Output Transfer Function
The LMT01-Q1 will output at minimum 1 pulse and a theoretical maximum 4095 pulses. Each pulse has a weight
of 0.0625°C. One pulse corresponds to a temperature less than -50°C while a pulse count of 4096 corresponds
to a temperature greater than 200°C. Note that the LMT01-Q1 is only guaranteed to operate up to 150°C.
Exceeding this temperature by more than 5°C may damage the device. The accuracy of the device degrades as
well when 150°C in exceeded.
Two different methods of converting the pulse count to a temperature value will be discussed in this section. The
first method that will be discussed is the least accurate and uses a first order equation. The second method is
the most accurate and uses linear interpolation of the values found in the look-up table (LUT) as described in .
The output transfer function appears to be linear and can be approximated by the following first order equation:
where
PC is the Pulse Count
Temp is the temperature reading
(1)


Similar Part No. - LMT01ELPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01ELPGMQ1 TI1-LMT01ELPGMQ1 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
More results

Similar Description - LMT01ELPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com