Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT01ELPGMQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01ELPGMQ1
Description   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01ELPGMQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMT01ELPGMQ1 Datasheet HTML 2Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 3Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 4Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 5Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 6Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 7Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 8Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 9Page - Texas Instruments LMT01ELPGMQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LMT01-Q1
SNIS192 – NOVEMBER 2016
www.ti.com
Product Folder Links: LMT01-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Electrical Characteristics - Pulse Count to Temperature LUT
Over operating free-air temperature range and 2.15 V
≤ VP-VN ≤ 5. 0 V power supply operating range (unless otherwise
noted). LUT is short for Look-up Table.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Digital output code
-50°C
26
pulses
-40°C
172
181
190
-30°C
329
338
347
-20°C
486
494
502
-10°C
643
651
659
0°C
800
808
816
10°C
958
966
974
20°C
1117
1125
1133
30°C
1276
1284
1292
40°C
1435
1443
1451
50°C
1594
1603
1611
60°C
1754
1762
1771
70°C
1915
1923
1931
80°C
2076
2084
2092
90°C
2237
2245
2254
100°C
2398
2407
2416
110°C
2560
2569
2578
120°C
2721
2731
2741
130°C
2883
2894
2905
140°C
3047
3058
3069
150°C
3208
3220
3231
(1)
Conversion time includes power up time or device turn on time that is typically 3 ms after POR threshold of 1.2V is exceeded.
6.7 Switching Characteristics
Over operating free-air temperature range and operating VP-VN range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tR, tF
Output current rise and fall
time
CL=10 pF, RL=8 k
1.45
µs
fP
Output current pulse
frequency
82
88
94
kHz
Output current duty cycle
40%
50%
60%
tCONV
Temperature conversion
time(1)
2.15 V to 5.5 V
46
50
54
ms
tDATA
Data transmission time
44
47
50
ms


Similar Part No. - LMT01ELPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01ELPGMQ1 TI1-LMT01ELPGMQ1 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
More results

Similar Description - LMT01ELPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com