Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61E2 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2
Description  Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK61E2 Datasheet HTML 2Page - Texas Instruments LMK61E2 Datasheet HTML 3Page - Texas Instruments LMK61E2 Datasheet HTML 4Page - Texas Instruments LMK61E2 Datasheet HTML 5Page - Texas Instruments LMK61E2 Datasheet HTML 6Page - Texas Instruments LMK61E2 Datasheet HTML 7Page - Texas Instruments LMK61E2 Datasheet HTML 8Page - Texas Instruments LMK61E2 Datasheet HTML 9Page - Texas Instruments LMK61E2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
LMK61E2
SNAS674A – SEPTEMBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMK61E2
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured from -150 mV to +150 mV on the differential waveform with the 300 mVpp measurement window centered on the differential
zero crossing.
(3)
Ensured by design.
(4)
Ensured by characterization.
6.8 HCSL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency
10
400
MHz
VOH
Output High Voltage
600
850
mV
VOL
Output Low Voltage
-100
100
mV
VCROSS
Absolute Crossing
Voltage(2)(3)
250
475
mV
VCROSS-DELTA Variation of VCROSS
(2) (3)
0
140
mV
dV/dt
Slew Rate(4)
0.8
2
V/ns
PN-Floor
Output Phase Noise Floor
(fOFFSET > 10 MHz)
100 MHz
–164
dBc/Hz
ODC
Output Duty Cycle(4)
45%
55%
6.9 OE Input Characteristics
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.6
V
IIH
Input High Current
VIH = VDD
-40
40
µA
IIL
Input Low Current
VIL = GND
-40
40
µA
CIN
Input Capacitance
2
pF
6.10 ADD Input Characteristics
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.4
V
IIH
Input High Current
VIH = VDD
–40
40
µA
IIL
Input Low Current
VIL = GND
–40
40
µA
CIN
Input Capacitance
2
pF
(1)
Ensured by characterization.
6.11 Frequency Tolerance Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fT
Total Frequency Tolerance
All output formats, frequency bands and
device junction temperature up to 125°C;
includes initial freq tolerance, temperature &
supply voltage variation, solder reflow and
aging (10 years)
–50
50
ppm


Similar Part No. - LMK61E2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com