Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53603 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LM53603
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53603 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM53603 Datasheet HTML 32Page - Texas Instruments LM53603 Datasheet HTML 33Page - Texas Instruments LM53603 Datasheet HTML 34Page - Texas Instruments LM53603 Datasheet HTML 35Page - Texas Instruments LM53603 Datasheet HTML 36Page - Texas Instruments LM53603 Datasheet HTML 37Page - Texas Instruments LM53603 Datasheet HTML 38Page - Texas Instruments LM53603 Datasheet HTML 39Page - Texas Instruments LM53603 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.8)
0.05 MAX
AROUND
0.05 MIN
AROUND
16X (1.5)
16X (0.45)
14X (0.65)
(R0.05) TYP
(2.48)
(3.4)
(3.4)
NOTE 9
(5)
NOTE 9
(
0.2) TYP
VIA
(0.65) TYP
(1.3 TYP)
(1.1 TYP)
PowerPAD
TSSOP - 1.2 mm max height
PWP0016D
PLASTIC SMALL OUTLINE
4223219/A 08/2016
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
SCALE:10X
1
8
9
16
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
TM
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
NOT TO SCALE
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


Similar Part No. - LM53603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53603-Q1 TI1-LM53603-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536033QPWPRQ1 TI1-LM536033QPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536033QPWPTQ1 TI1-LM536033QPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536035QPWPRQ1 TI1-LM536035QPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536035QPWPTQ1 TI1-LM536035QPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - LM53603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com