Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53603 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM53603
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53603 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM53603 Datasheet HTML 19Page - Texas Instruments LM53603 Datasheet HTML 20Page - Texas Instruments LM53603 Datasheet HTML 21Page - Texas Instruments LM53603 Datasheet HTML 22Page - Texas Instruments LM53603 Datasheet HTML 23Page - Texas Instruments LM53603 Datasheet HTML 24Page - Texas Instruments LM53603 Datasheet HTML 25Page - Texas Instruments LM53603 Datasheet HTML 26Page - Texas Instruments LM53603 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Output Current (A)
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
D032
7 Vin
12 Vin
18 Vin
Output Current (A)
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
D033
7 Vin
12 Vin
18 Vin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
80
90
100
110
120
130
140
150
Ambient Temperature (C)
LM53603,
3.3V
LM53603,
5V
LM53602,
3.3V
LM53602,
5V
C006
Board Area (mm2)
0
500
1000
1500
2000
2500
3000
20
25
30
35
40
45
50
D024
0.5 W
1 W
2 W
23
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
for each layer of a four-layer board; the inner layers are 1 oz. (35 µm), while the outer layers are 2 oz. (70 µm). A
typical curve of maximum load current versus ambient temperature, for both the LM53603 and LM53602, is
shown in Figure 18. This data was taken with the device soldered to a PCB with an RθJA of about 17°C/W and an
input voltage of 12 V. It must be remembered that the data shown in these graphs are for illustration only and the
actual performance in any given application depends on all of the factors mentioned above.
Figure 17. RθJA vs Copper Board Area
Figure 18. Maximum Output Current vs Ambient
Temperature
RθJA = 17°C/W, VIN = 12 V
Figure 19. IC Power Dissipation vs Output Current for 3.3-
V output
Figure 20. IC Power Dissipation vs Output Current for 5-V
output


Similar Part No. - LM53603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53603-Q1 TI1-LM53603-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536033QPWPRQ1 TI1-LM536033QPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536033QPWPTQ1 TI1-LM536033QPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536035QPWPRQ1 TI1-LM536035QPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM536035QPWPTQ1 TI1-LM536035QPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - LM53603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com