Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD5008 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. ISD5008
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISD5008 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
ISD5008 Product
4
Voice Solutions in Silicon
ANA IN
(Analog Input)
The ANA IN pin is the analog input from the tele-
phone chip set. It can be switched (by the SPI bus)
to the speaker output, the array input or to various
other paths. This pin is designed to accept a nom-
inal 1.11 Vp-p when at its minimum gain (6 dB)
setting. There is additional gain available in 3 dB
steps controlled from the SPI bus, if required, up to
15 dB.
Figure 2:
ANA IN Input Modes
1. Gain from ANA IN to SP+/–
2. Gain from ANA IN to ARRAY IN
3. 0TLP Input is the reference Transmission Level Point that is used for testing. This level is typically 3 dB below clipping.
4. Speaker Out gain set to 1.6 (High). (Differential)
Gain
Setting
Resistor Ratio
(Rb/Ra)
Gain
Gain2
(dB)
00
63.9/102
0.625
–4.1
01
77.9/88.1
0.88
–1.1
10
92.3/73.8
1.25
1.9
11
106/60
1.77
4.9
Table 4: ANA IN Amplifier Gain Settings
Setting(1)
0TLP Input
VPP
(3)
CFG0
Gain(2)
Array In/Out
VPP
Speaker Out
VPP
(4)
AIG1
AIG0
6 dB
1.11
0
0
.625
.694
2.22
9 dB
.785
0
1
.883
.694
2.22
12 dB
.555
1
0
1.250
.694
2.22
15 dB
.393
1
1
1.767
.694
2.22


Similar Part No. - ISD5008

ManufacturerPart No.DatasheetDescription
Winbond
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
   Demonstration Board
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
Winbond
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
Winbond
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
Generalplus Technology Inc.
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz