Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5008 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ISD5008
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ISD5008 Datasheet HTML 24Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 25Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 26Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 27Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 28Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 29Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 30Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 31Page - List of Unclassifed Manufacturers ISD5008 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
ISD5008 Product
25
ISD
and playback. These are bits D2 and D3 of
CFG1. To enable the 8.0 kHz sample rate,
D2 and D3 must be set to ZERO.
4.
Select the LOW PASS FILTER input (only) to
the S2 SUMMING amplifier —Bits S2M0 and
S2M1 control the state of the SUM2 SUM-
MING amplifier. These are bits D5 and D6
respectively of CFG1 and they should be
set to the state where D5 is ZERO and D6 is
ONE to select the LOW PASS FILTER (only)
path.
5.
Select the SUM2 SUMMING amplifier
path through the VOLUME MUX—Bits
VLS0 and VLS1 control the state VOLUME
MUX. These bits are bits D14 and D15, re-
spectively of CFG1. They should be set to
the state where D14 is ONE and D15 is ZERO
to select the SUM2 SUMMING amplifier.
6.
Power up the VOLUME CONTROL LEVEL—
Bit VLPD controls the power-up state of the
VOLUME CONTROL attenuator. This is Bit D0
of CFG0. This bit must be set to a ZERO to
power-up the VOLUME CONTROL.
7.
Select a VOLUME CONTROL LEVEL—Bits
VOL0, VOL1, and VOL2 control the state of
the VOLUME CONTROL LEVEL. These are bits
D11, D12, and D13, respectively, of CFG1.
A binary count of 000 through 111 controls
the
amount
of
attenuation
through
that
state. In most cases, the software will select
an attenuation level according to the de-
sires of the current users of the product. In
this example, we will assume the user wants
an attenuation of –12 dB. For that setting,
D11 should be set to ONE, D12 should be
set to ONE, and D13 should be set to a ZE-
RO.
8.
Select the VOLUME CONTROL path
through the OUTPUT MUX—These are bits
D3
and
D4,
respectively,
of
CFG0.
They
should be set to the state where D3 is ZERO
and D4 is a ZERO to select the VOLUME
CONTROL.
9.
Power up the SPEAKER amplifier and se-
lect the HIGH GAIN mode—Bits OPA0
and OPA1 control the state of the speaker
(SP+ and SP–) and AUX OUT outputs. These
are bits D1 and D2 of CFG0. They must be
set to the state where D1 is ONE and D2 is
ZERO to power-up the speaker outputs in
the HIGH GAIN mode and to power-down
the AUX OUT.
To set up the chip for Memo or Call Playback, the
configuration registers are set up as follows:
CFG0=0010 0100 0010 0010 (hex 2422).
CFG1=0101 1001 1101 0001 (hex 59D1).
Only those portions necessary for this mode are
powered up.


Similar Part No. - ISD5008

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
   Demonstration Board
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com