Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7800A Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL-7800A
Description  High CMR Isolation Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7800A Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7800A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-7800A Datasheet HTML 17Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
1-231
Figure 28. HCPL-7800 Block Diagram.
Figure 29. PC Board Trace Pattern and Loading Diagram Example.
VOLTAGE
REGULATOR
CLOCK
GENERATOR
Σ∆
MODULATOR
ENCODER
LED DRIVE
CIRCUIT
DETECTOR
CIRCUIT
DECODER
AND D/A
FILTER
ISO-AMP
OUTPUT
VOLTAGE
REGULATOR
ISO-AMP
INPUT
ISOLATION
BOUNDARY
conflicting considerations,
therefore, must be weighed
against each other in selecting an
appropriate sense resistor for a
particular application. To
maintain circuit accuracy, it is
recommended that the sense
resistor and the isolation amplifier
circuit be located as close as
possible to one another. Although
it is possible to buy current-
sensing resistors from established
vendors (e.g., the LVR-1, -3 and
-5 resistors from Dale), it is also
possible to make a sense resistor
using a short piece of wire or
even a trace on a PC board.
Figures 30 and 31 illustrate the
response of the overall isolation
amplifier circuit shown in Figure
26. Figure 30 shows the response
of the circuit to a
± 200 mV 20
kHz sine wave input and Figure
31 the response of the circuit to a
± 200 mV 20 kHz square wave
input. Both figures demonstrate
the fast, well-behaved response of
the HCPL-7800.
Figure 32 shows how quickly the
isolation amplifier recovers from
an overdrive condition generated
by a 2 kHz square wave swinging
between 0 and 500 mV (note that
the time scale is different from
the previous figures). The first
wave form is the output of the
application circuit with the filter
capacitors removed to show the
actual response of the isolation
amplifier. The second wave form
is the response of the same circuit
with the capacitors installed. The
recovery time and overshoot are
relatively independent of the
amplitude and polarity of the
overdrive signal, as well as its
duration.
For more information, refer to
Application Note 1059.


Similar Part No. - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   Isolation Amplifer
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com