Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F1A32A Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC87F1A32A
Description  8-bit Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1A32A Datasheet(HTML) 1 Page - ON Semiconductor

  LC87F1A32A Datasheet HTML 1Page - ON Semiconductor LC87F1A32A Datasheet HTML 2Page - ON Semiconductor LC87F1A32A Datasheet HTML 3Page - ON Semiconductor LC87F1A32A Datasheet HTML 4Page - ON Semiconductor LC87F1A32A Datasheet HTML 5Page - ON Semiconductor LC87F1A32A Datasheet HTML 6Page - ON Semiconductor LC87F1A32A Datasheet HTML 7Page - ON Semiconductor LC87F1A32A Datasheet HTML 8Page - ON Semiconductor LC87F1A32A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
72914HK 20140728-S00015/50814HK/D1212HK/62707HKIM No.A0704-1/26
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
July, 2014
ORDERING INFORMATION
See detailed ordering and shipping information on page 26 of this data sheet.
LC87F1A32A
Overview
The LC87F1A32A is an 8-bit microcomputer that, integrates on a single chip a number of hardware features such as
32K-byte flash ROM, 2048-byte RAM, an on-chip debugger, 16-bit timers/counters, a 16-bit timer, two 8-bit timers,
a base timer serving as a time-of-day clock, a high-speed clock counter, two channels of synchronous SIO interface
(with automatic block transmission/reception capabilities), an asynchronous/synchronous SIO interface, a UART
interface, a full-speed USB interface (function), a 12-channel AD converter (12- or 8-bit resolution selectable), two
channels of 12-bit PWM, a system clock frequency divider, an infrared remote controller receiver circuit, and an
interrupt feature.
Features
Flash ROM
32768  8 bits
Capable of on-board-programming with
wide range, 3.0 to 5.5V, of voltage source.
Block-erasable in 128 byte units
Writable in 2-byte units
RAM
2048  9 bits
Package Form
 SQFP48(77) : Lead-Free, Halogen free product
Ordering number : ENA0704C
CMOS IC
8-bit Microcontroller
with Full-Speed USB
32K-byte Flash ROM / 2048-byte RAM / 48-pin
* This product is licensed from Silicon Storage Technology, Inc. (USA).
SQFP48(7X7)
D-
D+
VDD3
VSS3
P34/UFILT
P33
P32/DBG2
P31/DBG1
P30/DBG0
P70/INT0/T0LCP/AN8/DPUP
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
24
23
22
21
20
19
18
17
16
15
14
P03/AN3
P02/AN2
P01/AN1
P00/AN0
VSS2
VDD2
PWM0
PWM1
P17/T1PWMH/BUZ
P16/T1PWML
P15/SCK1
P14/SI1/SB1
37
38
39
40
41
42
43
44
45
46
47
LC87F1A32A
Top view


Similar Part No. - LC87F1A32A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1A32A SANYO-LC87F1A32A Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results

Similar Description - LC87F1A32A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com