Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HPCL7800 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HPCL7800
Description  High CMR Isolation Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HPCL7800 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1-220
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Temperature
TS
-55
125
°C
Ambient Operating Temperature
TA
- 40
100
°C
Supply Voltages
VDD1, VDD2
0.0
5.5
V
Steady-State Input Voltage
VIN+, VIN-
-2.0
VDD1 +0.5
V
Two Second Transient Input Voltage
-6.0
Output Voltages
VOUT+, VOUT-
-0.5
VDD2 +0.5
V
Lead Solder Temperature
T
LS
260
°C1
(1.6 mm below seating plane, 10 sec.)
Reflow Temperature Profile
See Package Outline Drawings Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Note
Ambient Operating Temperature
TA
-40
85
°C2
Supply Voltages
VDD1, VDD2
4.5
5.5
V
3
Input Voltage
V
IN+, VIN-
-200
200
mV
4
Output Current
|I
O|1
mA
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn