Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FDSD0630_16 Datasheet(PDF) 1 Page - TOKO, Inc

Part No. FDSD0630_16
Description  Metal Alloy Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKO [TOKO, Inc]
Homepage  http://www.toko.com
Logo 

   
 1 page
background image
FDSD0630
Inductance Range: 0.68~10
H
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
FEATURES
特長
 7.0  6.6mm square and 3.0mm Max. height.
 Magnetically shielded construction, low DC resistance.
 The use of magnetic iron powder ensure capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications
 7.0  6.6mm 角、高さ3.0mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE FDSD0630 (Quantity/reel; 1,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
FDSD0630-H-R68M=P3
0.68
 20
8.6 (7.1)
17 (21)
9.61 (12)
FDSD0630-H-1R0M=P3
1.0
 20
11 (9)
15 (19)
9.4 (11)
FDSD0630-H-1R5N=P3
1.5
 30
13 (11)
13 (16)
8.5 (10)
FDSD0630-H-2R2M=P3
2.2
 20
17 (14)
12 (15)
7.1 (8.3)
FDSD0630-H-3R3M=P3
3.3
 20
28 (23)
8.0 (10)
5.6 (6.6)
FDSD0630-H-4R7M=P3
4.7
 20
40 (33)
7.6 (9.5)
4.7 (5.5)
FDSD0630-H-5R6M=P3
5.6
 20
46 (38)
7.0 (8.8)
4.2 (4.9)
FDSD0630-H-6R8M=P3
6.8
 20
61 (51)
5.9 (7.4)
3.7 (4.3)
FDSD0630-H-8R2M=P3
8.2
 20
70 (58)
5.5 (6.9)
3.4 (4.0)
FDSD0630-H-100M=P3
10
 20
74 (62)
5.4 (6.8)
3.2 (3.8)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1) インダクタンスはLCR メータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの
値が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度25°Cを基準とする。)
(5) 絶対最大電圧
30VDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合
は必ず事前に弊社営業窓口までご相談ください。
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ®インダクタ




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl