Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK34L Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SK34L
Description  High current capacity,low VF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SK34L Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SK34L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SK34L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK38L-SK310L
SK36L
1.5
3.0
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
I Pulse Width = 300 s
F
µ
0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
64
48
32
16
80
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
°
A
T =25ºC
A
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
T=75 C
J
O
T =125 C
J
O
FIG.4TYPICALREVERSE CHRACTERISTIC
2 of 2
version: 01
S
4L
3
S
20L
K
THRU K
3
SK34L-SK35L
SK315L-SK320L
www.dyelec.com


Similar Part No. - SK34L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK34L ETC2-SK34L Datasheet
240Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK34L SECOS-SK34L Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SK34L PANJIT-SK34L Datasheet
71Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SK34L-SMA-R UTC-SK34L-SMA-R Datasheet
100Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK34L-SMA-R UTC-SK34L-SMA-R Datasheet
148Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK34L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
logo
Kersemi Electronic Co.,...
MBR870 KERSEMI-MBR870 Datasheet
826Kb / 2P
   High Current Capability, Low VF
logo
List of Unclassifed Man...
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
   High current capacity control
logo
Bourns Electronic Solut...
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1120-1R0M-RC BOURNS-1120-1R0M-RC Datasheet
432Kb / 1P
   Very high current capacity
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
   High load current capacity
logo
Central Semiconductor C...
CMLSH1-40 CENTRAL-CMLSH1-40_15 Datasheet
445Kb / 3P
   HIGH CURRENT, LOW VF SCHOTTKY RECTIFIERS
CMPSH05-4 CENTRAL-CMPSH05-4_15 Datasheet
328Kb / 2P
   HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com